Electronic Components Datasheet Search
  English  ▼

X  

CHA2194 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA2194
Description  36-44GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2194 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHA2194 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 9Page - United Monolithic Semiconductors CHA2194 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CHA2194
36-44GHz Low Noise Amplifier
Ref : DSCHA21942035 -04-Feb.-02
6/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Circuit Typical Response ( In test-Jig ) :
Typical Output Power (Measurement in test Jig)
Tamb = +25°C
Vd=4V and Vg12=Vg3=1V
These values are representative of the package assembly with input and output bonding.
Typical Output power –1dB. (Measurement in test Jig)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
33
34
35
36
37
38
39
40
41
42
43
44
Frequency (GHz)
40
44
48
52
56
60
64
68
72
76
80
84
88
92
96
100
Pout (dBm) (Vd:3.5V)
Pout (dBm) Vd:4V/ Vg*:1V)
Id (mA) (Vd:3.5V)
Id( mA) (Vd:4V /Vg*:1V)
CHA2194 Vd=4V Vg1=Vg2=Vg3=+1V
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
-9-8-7
-6-5-4-3-2-1
0
1
2
Input power (dBm)
9
10
11
12
13
14
15
16
17
18
19
20
Pout (dBm) 36GHz
Pout (dBm) 40GHz
Pout (dBm) 44 GHz
Gain (dB) 36GHz
Gain (dB) 40GHz
Gain (dB) 44 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com