Electronic Components Datasheet Search
  English  ▼

X  

AS5040 Datasheet(PDF) 19 Page - ams AG

Part # AS5040
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 19 Page - ams AG

Back Button AS5040_1 Datasheet HTML 15Page - ams AG AS5040_1 Datasheet HTML 16Page - ams AG AS5040_1 Datasheet HTML 17Page - ams AG AS5040_1 Datasheet HTML 18Page - ams AG AS5040_1 Datasheet HTML 19Page - ams AG AS5040_1 Datasheet HTML 20Page - ams AG AS5040_1 Datasheet HTML 21Page - ams AG AS5040_1 Datasheet HTML 22Page - ams AG AS5040_1 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
19 - 33
Table 6: One Time Programmable (OTP) Register Options
OTP-Mode-Register-Bit
Pin #
Pulses per
Revolution
Incremental
Resolution
Mode
Md1
Md0
Div1
Div0
Index
3
4
6
12
ppr
bit
Default (Mode0.0)
0
0
0*
0*
0*
1LSB
quadAB-Mode1.0
0
1
0
0
0
1LSB
quadAB-Mode1.1
0
1
0
0
1
3LSBs
2x256
10
quadAB-Mode1.2
0
1
0
1
0
1LSB
quadAB-Mode1.3
0
1
0
1
1
3LSBs
2x128
9
quadAB-Mode1.4
0
1
1
0
0
1LSB
quadAB-Mode1.5
0
1
1
0
1
3LSBs
2x64
8
quadAB-Mode1.6
0
1
1
1
0
1LSB
quadAB-Mode1.7
0
1
1
1
1
A
B
3LSBs
PWM
10 bit
2x32
7
Step/Dir-Mode2.0
1
0
0
0
0
1LSB
Step/Dir-Mode2.1
1
0
0
0
1
3LSBs
512
10
Step/Dir -Mode2.2
1
0
0
1
0
1LSB
Step/Dir -Mode2.3
1
0
0
1
1
3LSBs
256
9
Step/Dir -Mode2.4
1
0
1
0
0
1LSB
Step/Dir -Mode2.5
1
0
1
0
1
3LSBs
128
8
Step/Dir -Mode2.6
1
0
1
1
0
1LSB
Step/Dir -Mode2.7
1
0
1
1
1
LSB
Dir
3LSBs
PWM
10 bit
64
7
Commutation-
Mode3.0
1
1
0
0
0
10
Commutation-
Mode3.1
1
1
0
1
0
U(0º)
V(120º)
W(240º)
LSB
3 x 1
9
Commutation-
Mode3.2
1
1
1
0
0
10
Commutation-
Mode3.3
1
1
1
1
0
U’
(0º,
180º)
V’
(60º,
240º)
W’
(120º, 300º)
LSB
2 x 3
9
Note: Div1, Div0 and Index cannot be programmed in Mode 0:0
Zero Position Programming
Zero position programming is an OTP option that simplifies assembly of a system, as the magnet does not need to be
manually adjusted to the mechanical zero position. Once the assembly is completed, the mechanical and electrical
zero positions can be matched by software. Any position within a full turn can be defined as the permanent new
zero/index position.
For zero position programming, the magnet is turned to the mechanical zero position (e.g. the “off”-position of a rotary
switch) and the actual angular value is read.
This value is written into the OTP register bits Z9:Z0 (see Figure 14) and programmed as described in section 12.
This new absolute zero position is also the new Index pulse position for incremental output modes.
Note: The zero position value may also be modified before programming, e.g. to program an electrical zero position
that is 180° (half turn) from the mechanical zero position, just add 512 to the value read at the mechanical zero
position and program the new value into the OTP register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com