Electronic Components Datasheet Search
  English  ▼

X  

AS5040 Datasheet(PDF) 29 Page - ams AG

Part # AS5040
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 29 Page - ams AG

Back Button AS5040_1 Datasheet HTML 25Page - ams AG AS5040_1 Datasheet HTML 26Page - ams AG AS5040_1 Datasheet HTML 27Page - ams AG AS5040_1 Datasheet HTML 28Page - ams AG AS5040_1 Datasheet HTML 29Page - ams AG AS5040_1 Datasheet HTML 30Page - ams AG AS5040_1 Datasheet HTML 31Page - ams AG AS5040_1 Datasheet HTML 32Page - ams AG AS5040_1 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
29 - 33
Angular Error Caused by Propagation Delay
A rotating magnet will therefore cause an angular error caused by the output delay. This error increases linearly with
speed:
delay
prop
rpm
e
sampling
.
*
6
∗
=
where: esampling
= angular error [°]
rpm
= rotating speed [rpm]
prop.delay
= propagation delay [seconds]
Note: since the propagation delay is known, it can be automatically compensated by the control unit that is processing
the data from the AS5040, thus reducing the angular error caused by speed.
Internal Timing Tolerance
The AS5040 does not require an external ceramic resonator or quartz. All internal clock timings for the AS5040 are
generated by an on-chip RC oscillator. This oscillator is factory trimmed to
±5% accuracy at room temperature (±10%
over full temperature range). This tolerance influences the ADC sampling rate and the pulse width of the PWM output:
Absolute output; SSI interface:
A new angular value is updated every 100µs (typ.)
Incremental outputs:
the incremental outputs are updated every
100µs (typ.)
PWM output:
A new angular value is updated every 100µs (typ.).
The PWM pulse timings Ton and Toff also have the same tolerance as the internal oscillator.
If only the PWM pulse width Ton is used to measure the angle, the resulting value also has this timing
tolerance.
However, this tolerance can be cancelled by measuring both Ton and Toff and calculating the angle from the
duty cycle (see section 9):
() 1
1025 −
+
⋅
=
off
on
on
t
t
t
Position
Temperature
Magnetic Temperature Coefficient
One of the major benefits of the AS5040 compared to linear Hall sensors is that it is much less sensitive to
temperature. While linear Hall sensors require a compensation of the magnet’s temperature coefficient, the AS5040
automatically compensates for the varying magnetic field strength over temperature. The magnet’s temperature drift
does not need to be considered, as the AS5040 operates with magnetic field strengths from
±45…±75mT.
Example:
A NdFeB magnet has a field strength of 75mT @ –40°C and a temperature coefficient of -0.12% per Kelvin.
The temperature change is from –40° to +125° = 165K.
The magnetic field change is: 165 x -0.12% = -19.8%, which corresponds to 75mT at –40°C and 60mT at 125°C.
The AS5040 can compensate for this temperature related field strength change automatically, no user adjustment is
required.
Accuracy over Temperature
The influence of temperature in the absolute accuracy is very low. While the accuracy is
≤ ±0.5° at room temperature,
it may increase to
≤±0.9° due to increasing noise at high temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com