Electronic Components Datasheet Search
  English  ▼

X  

AS5040 Datasheet(PDF) 23 Page - ams AG

Part # AS5040
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040 Datasheet(HTML) 23 Page - ams AG

Back Button AS5040_1 Datasheet HTML 19Page - ams AG AS5040_1 Datasheet HTML 20Page - ams AG AS5040_1 Datasheet HTML 21Page - ams AG AS5040_1 Datasheet HTML 22Page - ams AG AS5040_1 Datasheet HTML 23Page - ams AG AS5040_1 Datasheet HTML 24Page - ams AG AS5040_1 Datasheet HTML 25Page - ams AG AS5040_1 Datasheet HTML 26Page - ams AG AS5040_1 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
23 - 33
Figure 20: Typical Magnet and Magnetic Field Distribution
N
S
Magnet axis
Vertical field
component
(45…75mT)
0
360
Bv
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
typ. 6mm diameter
S
N
Physical Placement of the Magnet
The best linearity can be achieved by placing the center of the magnet exactly over the defined center of the IC
package as shown in Figure 21:
Figure 21: Defined IC Center and Magnet Displacement Radius
1
Defined
center
2.433 mm
2.433 mm
3.9 mm
3.9 mm
Area of recommended maximum
magnet misalignment
Rd
Magnet Placement
The magnet’s center axis should be aligned within a displacement radius Rd of 0.25mm from the defined center of the
IC with reference to the edge of pin #1 (see Figure 21). This radius includes the placement tolerance of the chip within
the SSOP-16 package (+/- 0.235mm). The displacement radius Rd is 0.485mm with reference to the center of the chip
(see section 13: Alignment Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com