Electronic Components Datasheet Search
  English  ▼

X  

AS5304 Datasheet(PDF) 8 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 8 Page - ams AG

Back Button AS5304 Datasheet HTML 4Page - ams AG AS5304 Datasheet HTML 5Page - ams AG AS5304 Datasheet HTML 6Page - ams AG AS5304 Datasheet HTML 7Page - ams AG AS5304 Datasheet HTML 8Page - ams AG AS5304 Datasheet HTML 9Page - ams AG AS5304 Datasheet HTML 10Page - ams AG AS5304 Datasheet HTML 11Page - ams AG AS5304 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AS5304/AS5306 Integrated Hall IC for linear and off-axis rotary motion detection
Revision 1.5
www.austriamicrosystems.com
Page 8 of 13
7.4
Dynamic Non-Linearity (DNL)
The DNL (dynamic non-linearity) describes the non-linearity of the incremental outputs from one step to the next. In an ideal
system, every change of the incremental outputs would occur after exactly one LSB (e.g. 25µm on AS5304). In practice
however, this step size is not ideal, the output state will change after 1LSB +/-DNL. The DNL must be <+/- ½ LSB to avoid a
missing code. Consequently, the incremental outputs will change when the magnet movement over the IC is
minimum 0.5 LSB and maximum 1.5 LSB’s.
1 LSB + DNL
1 LSB - DNL
1 LSB
lateral magnet movement
37.5 µm
25 µm
12.5 µm
AS5304:
DNL (dynamic non-linearity)
1 LSB + DNL
1 LSB - DNL
1 LSB
lateral magnet movement
22.5 µm
15 µm
7.5 µm
AS5306:
DNL (dynamic non-linearity)
Figure 11:
DNL of AS5304 (left) and AS5306 (right)
8 The AO Output
The Analog Output (AO) provides an analog output voltage that represents the Automatic Gain Control (AGC) of the Hall
sensors signal control loop.
This voltage can be used to monitor the magnetic field strength and hence the gap between magnet and chip surface:
•
Short distance between magnet and IC → strong magnetic field → low loop gain → low AO voltage
•
Long distance between magnet and IC → weak magnetic field → high loop gain → high AO voltage
For ideal operation, the AO voltage should be between 1.0 and 4.0V (typical; see 9.5).
Figure 12:
AO output versus AGC, magnetic field strength, magnet-to-IC gap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com