Electronic Components Datasheet Search
  English  ▼

X  

AS5304 Datasheet(PDF) 10 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 10 Page - ams AG

Back Button AS5304 Datasheet HTML 5Page - ams AG AS5304 Datasheet HTML 6Page - ams AG AS5304 Datasheet HTML 7Page - ams AG AS5304 Datasheet HTML 8Page - ams AG AS5304 Datasheet HTML 9Page - ams AG AS5304 Datasheet HTML 10Page - ams AG AS5304 Datasheet HTML 11Page - ams AG AS5304 Datasheet HTML 12Page - ams AG AS5304 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AS5304/AS5306 Integrated Hall IC for linear and off-axis rotary motion detection
Revision 1.5
www.austriamicrosystems.com
Page 10 of 13
9 GENERAL DEVICE SPECIFICATIONS
9.1
Absolute Maximum Ratings (Non Operating)
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device.
Parameter
Symbol
Min
Max
Unit
Note
Supply
VDD
-0.3
7
V
Input pin voltage
Vin
VSS-0.5
VDD+0.5
V
Input current (latchup immunity)
Iscr
-100
100
mA
Norm: Jedec 18
ESD
+/-2
kV
Norm: MIL 883 E method 3015
Package thermal resistance
ΘJA
114.5
°C /W
Still Air / Single Layer PCB
Storage temperature
Tstrg
-55
150
°C
Soldering conditions
Tbody
260
°C
Norm: IPC/JEDEC J-STD-020C
Humidity non-condensing
5
85
%
9.2
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Positive supply voltage
AVDD
Digital supply voltage
DVDD
4.5
5.0
5.5
V
Negative supply voltage
VSS
0.0
0.0
0.0
V
Power supply current, AS5304
25
35
Power supply current, AS5306
IDD
20
30
mA
A/B/Index, AO unloaded!
Ambient temperature
Tamb
-40
125
°C
Junction temperature
TJ
-40
150
°C
25
AS5304
Resolution
LSB
15
µm
AS5306
Integral nonlinearity
INL
1
LSB
Ideal input signal
(ErrMax - ErrMin) / 2
Differential nonlinearity
DNL
±0.5
LSB
No missing pulses.
optimum alignment
Hysteresis
Hyst
1
1.5
2
LSB
9.3
System Parameters
Parameter
Symbol
Min
Max
Unit
Note
Power up time
TPwrUp
500
µs
Amplitude within valid range /
Interpolator locked, A B Index enabled
Propagation delay
TProp
20
µs
Time between change of input signal to
output signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com