Electronic Components Datasheet Search
  English  ▼

X  

AS5304 Datasheet(PDF) 6 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 6 Page - ams AG

Back Button AS5304 Datasheet HTML 2Page - ams AG AS5304 Datasheet HTML 3Page - ams AG AS5304 Datasheet HTML 4Page - ams AG AS5304 Datasheet HTML 5Page - ams AG AS5304 Datasheet HTML 6Page - ams AG AS5304 Datasheet HTML 7Page - ams AG AS5304 Datasheet HTML 8Page - ams AG AS5304 Datasheet HTML 9Page - ams AG AS5304 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AS5304/AS5306 Integrated Hall IC for linear and off-axis rotary motion detection
Revision 1.5
www.austriamicrosystems.com
Page 6 of 13
3.0475±0.235
Hall Array Center Line
Magnet drawn at
index position X=0
CW magnet
movement direction
Pin 1
Chip Top view
3.0475±0.235
Hall Array Center Line
Magnet drawn at
position X1
(exaggerated)
CW magnet
movement direction
Pin 1
Chip Top view
X
X
25µm (AS5304)
15µm (AS5306)
Index = High
Index = Low
N
S
N
S
Figure 7:
Magnet placement for index pulse generation
7.1.4
Soft Stop Feature for Linear Movement Measurement
When using long multi-pole strips, it may often be necessary to start from a defined home (or zero) position and obtain absolute
position information by counting the steps from the defined home position. The AS5304/AS5306 provide a soft stop feature that
eliminates the need for a separate electro-mechanical home position switch or an optical light barrier switch to indicate the
home position.
The magnetic field warning indicator (see 7.1.2) together with the index pulse can be used to indicate a unique home position
on a magnetic strip:
1.
First the AS5304/AS5306 move to the end of the strip, until a magnetic field warning is displayed (Index = high,
A=B=low)
2.
Then, the AS5304/AS5306 move back towards the strip until the first index position is reached (note: an index position
is generated once for every pole pair, it is indicated with: Index = high, A=B= high). Depending on the polarity of the
strip magnet, the first index position may be generated when the end of the magnet strip only covers one half of the
Hall array. This position is not recommended as a defined home position, as the accuracy of the AS5304/AS5306 are
reduced as long as the multi-pole strip does not fully cover the Hall array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com