Electronic Components Datasheet Search
  English  ▼

X  

CHA4094 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA4094
Description  36-40GHz High Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4094 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA4094 Datasheet HTML 1Page - United Monolithic Semiconductors CHA4094 Datasheet HTML 2Page - United Monolithic Semiconductors CHA4094 Datasheet HTML 3Page - United Monolithic Semiconductors CHA4094 Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
36-40GHz High Power Amplifier
CHA4094
Ref. : DSCHA40949349 – 15 Dec. 99
3/4
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On Jig Measurements
Bias Conditions : Tamb = +25°C, Vd = 3.5Volt, Vg = -0.2Volt.
-20
-15
-10
-5
0
5
10
15
30
32
34
36
38
40
Frequency (GHz)
Gain
OUT
IN
5
7
9
11
13
15
17
19
21
23
25
-5
0
5
10
15
20
Input power (dBm)
Freq= 36 GHz
Gain (dB)
Pout (dBm)
5
7
9
11
13
15
17
19
21
23
25
-5
0
5
10
15
Input power (dBm)
Freq= 38GHz
Gain (dB)
Pout (dBm)
5
7
9
11
13
15
17
19
21
23
25
-5
0
5
10
15
Input power (dBm)
Freq= 40GHz
Pout (dBm)
Gain (dB)
Application note
The given DC Bias condition in table or curves are for class A biasing point. This amplifier could be
used in class AB.
For this the Gate voltage must be adjusted for a total drain supply current of typically 500mA.
The loss in linear gain is around 0.4dB, but the output power at 1dB compression point is higher,
between 0.5 and 1dBm more.
This biasing point shows a main advantage in regard of thermal aspect. Indeed the junction
temperature in transistor decreases approximatively of 10°C for 20% reduction in drain current.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com