Electronic Components Datasheet Search
  English  ▼

X  

CHA4094 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA4094
Description  36-40GHz High Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4094 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA4094 Datasheet HTML 1Page - United Monolithic Semiconductors CHA4094 Datasheet HTML 2Page - United Monolithic Semiconductors CHA4094 Datasheet HTML 3Page - United Monolithic Semiconductors CHA4094 Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CHA4094
36-40GHz High Power Amplifier
Ref. : DSCHA40949349 – 15 Dec. 99
4/4
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
Note : Supply feed should be capacitively bypassed.
Bonding pad positions.
( Chip thickness : 100µm. All dimensions are in micrometers )
Ordering Information
Chip form
:
CHA4094-99F/00
Information furnished is believed to be accurate and reliable. However united monolithic semiconductors
S.A.S. assumes no responsability for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of united monolithic semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United monolithic semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from united
monolithic semiconductors S.A.S.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com