Electronic Components Datasheet Search
  English  ▼

X  

CHA4094 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA4094
Description  36-40GHz High Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4094 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA4094 Datasheet HTML 1Page - United Monolithic Semiconductors CHA4094 Datasheet HTML 2Page - United Monolithic Semiconductors CHA4094 Datasheet HTML 3Page - United Monolithic Semiconductors CHA4094 Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CHA4094
Ref. : DSCHA40949349 – 15 Dec. 99
1/4
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
36-40GHz High Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA4094 is a high gain broadband three-
stage balanced monolithic power amplifier. It is
designed for a wide range of applications, from
military to commercial communication systems.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Broadband performances
■ 22 dBm output power ( 1dB gain comp. )
■ 9 dB ± 1 dB gain
■ Chip size :
1.65 X 2.05 X 0.10 mm
Typical on wafer measurements :
-30
-25
-20
-15
-10
-5
0
5
10
15
28
30
32
34
36
38
40
42
Frequency (GHz)
(dB)
Gain
IN
OUT
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
36
40
GHz
G
Small signal gain
7
9
dB
P1dB
Output power at 1dB gain compression
22
dBm
Id
Bias current
750
920
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA4094

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4092-99F/00 UMS-CHA4092-99F/00 Datasheet
66Kb / 4P
20-30GHz High Power Amplifier
CHA4092REF UMS-CHA4092REF Datasheet
66Kb / 4P
20-30GHz High Power Amplifier
More results

Similar Description - CHA4094

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091 Datasheet
115Kb / 8P
36-40GHz Low Noise Amplifier
CHA2094B UMS-CHA2094B Datasheet
111Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395 Datasheet
87Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2091 UMS-CHA2091_07 Datasheet
191Kb / 8P
36-40GHz Low Noise Amplifier
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
CHA2091 UMS-CHA2091_15 Datasheet
135Kb / 8P
36-40GHz Low Noise Amplifier
CHA2094B UMS-CHA2094B_15 Datasheet
128Kb / 8P
36-40GHz Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A_15 Datasheet
110Kb / 6P
36-40GHz Low Noise Very High Gain Amplifier
CHA2391 UMS-CHA2391_15 Datasheet
126Kb / 8P
36-40GHz Very Low Noise Amplifier
CHA2394 UMS-CHA2394_15 Datasheet
130Kb / 8P
36-40GHz Very Low Noise High Gain Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com