Electronic Components Datasheet Search
  English  ▼

X  

CHA5093 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA5093
Description  22-26GHz High Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5093 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA5093 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
22-26GHz High Power Amplifier
CHA5093
Ref. : DSCHA50930129 -09 May-00
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On Wafer Scattering Parameters
Bias Conditions : Vd = +2V, Vg = -0.1V
Freq
S11
S11
S12
S12
S21
S21
S22
S22
GHz
dB
/°
dB
/°
dB
/°
dB
/°
1
-0,59
169,8
-83,89
-9,2
-51,47
60
-0,31
-10,4
2
-0,38
158,6
-94,7
-97,3
-66,17
-14,6
-0,04
-22,2
3
-0,57
146,5
-90,83
40,1
-62,89
156,2
-0,04
-33,3
4
-0,92
131,5
-87,53
-65,9
-55,62
-37,1
-0,07
-44,6
5
-1,81
112,8
-91,02
-172,1
-54,96
70,7
-0,08
-55,8
6
-3,56
88,7
-88,88
-109,5
-49,83
87,6
-0,09
-66,9
7
-6,86
56,1
-93,06
-18,3
-45,68
47
-0,1
-78,2
8
-11,49
2
-89,41
-123,6
-28,33
121,7
-0,12
-90
9
-11,08
-75,8
-77,69
-57,9
-13,56
56,8
-0,2
-102,3
10
-7,5
-122,7
-73,31
-105,8
-4,53
-7,7
-0,29
-114,9
11
-5,5
-150,3
-67,65
-103,5
2,35
-66,5
-0,45
-128,5
12
-4,65
-170,2
-64,52
-128,8
9,41
-125,1
-0,84
-143,5
13
-4,49
174,7
-60,09
-138,2
15,11
147,6
-1,9
-157
14
-4,54
161,9
-57,15
-165,4
13,29
74,3
-2,08
-168,6
15
-5,01
149
-54,69
165,9
12,35
33,4
-2,48
174,5
16
-5,95
137,3
-52,41
131,9
13,33
-1,5
-3,31
155,3
17
-7,54
125,2
-54,05
103,3
15,41
-38,2
-4,38
133,5
18
-10,08
116,3
-54,29
99,6
17,95
-81,4
-5,87
109,1
19
-13,87
114,1
-53,07
70
20,07
-128,3
-7,16
81
20
-18,32
120,1
-55,69
61,4
21,69
179,9
-8,31
49
21
-21,53
-166,1
-55,41
49,3
22,71
128,5
-9,09
15,1
22
-13,29
-152,4
-53,16
28,6
23,28
77,4
-8,63
-13,6
23
-10,62
-174,2
-56,67
-23,7
23,74
24,1
-8,36
-36,8
24
-12,11
161,8
-64,73
-101,8
23,55
-30,6
-7,39
-53
25
-23,82
-175,5
-61,49
109,9
22,98
-88,4
-6,07
-67,6
26
-11,02
-104,7
-55,53
89,3
21,32
-147
-4,94
-82,5
27
-5,56
-127,3
-53,1
73
18,44
157,6
-4,11
-97
28
-3,27
-144,5
-49,46
59,2
15,1
107,4
-3,64
-109,9
29
-2,09
-159,2
-49,07
21,2
11,56
59,1
-3,14
-121,3
30
-1,33
-170,7
-47,23
2,2
7,22
12,8
-2,61
-131,9
31
-0,78
178,1
-47,06
-20,4
2,57
-29,9
-2,29
-143,6
32
-0,62
168,3
-50,11
-56,1
-2,99
-69,1
-2,08
-154,5
33
-0,41
159,5
-55,89
-68,4
-9,66
-104
-1,96
-165,5
34
-0,4
151,3
-61,66
-95,4
-22,01
-110,4
-1,99
-175,4
35
-0,38
144
-66,3
-14,3
-14,55
-69,1
-1,86
175,9
36
-0,37
136,5
-59,52
15,6
-14,65
-130,2
-1,68
164,4
37
-0,42
129,1
-57,63
-6
-18,82
-168,4
-1,73
153,9
38
-0,6
121,2
-46,51
1,1
-23,23
162,3
-1,74
143,6
39
-0,71
114,6
-45,63
-40,8
-27,11
137,4
-1,8
132
40
-0,75
106,8
-50,77
-87,7
-29,94
111,9
-1,92
121,4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com