Electronic Components Datasheet Search
  English  ▼

X  

CHA5093 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA5093
Description  22-26GHz High Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5093 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHA5093 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHA5093
22-26GHz High Power Amplifier
Ref. : DSCHA50930129 -09 May-00
6/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
To Vg1,2,3 DC Gate supply feed
To Vd3 DC Drain supply feed
1nF
100pF
100pF
100pF
100pF
To Vd1,2 DC Drain supply feed To Vd3 DC Drain supply feed
Out
In
Note : Supply feed should be capacitively bypassed. 25µm diameter gold wire is to be prefered.
Bonding pad positions.
( Chip thickness : 100µm. All dimensions are in micrometers )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com