Electronic Components Datasheet Search
  English  ▼

X  

CHA5093 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA5093
Description  22-26GHz High Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5093 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA5093 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5093 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA5093
Ref. : DSCHA50930129 -09 May-00
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
22-26GHz High Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA5093 is a high gain three-stage
monolithic high power amplifier. It is designed
for a wide range of applications, from military to
commercial
communication
systems. The
backside of the chip is both RF and DC grounds.
This helps simplify the assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
Performances : 22-26GHz
29dBm output power
20 dB
± 1.5dB gain
DC power consumption, 600mA @ 6V
Chip size :
3.27 x 2.47 x 0.10 mm
-25
-20
-15
-10
-5
0
5
10
15
20
25
15
20
25
30
Frequency
Gain & RLoss (dB)
S22
S11
Typical on Wafer Measurements
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
22
26
GHz
G
Small signal gain
18
20
dB
P1dB
Output power at 1dB gain compression
28
29
dBm
Id
Bias current
600
900
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA5093

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5093TCF UMS-CHA5093TCF Datasheet
152Kb / 6P
24-26GHz High Power Amplifier
CHA5093TCF/24 UMS-CHA5093TCF/24 Datasheet
152Kb / 6P
24-26GHz High Power Amplifier
More results

Similar Description - CHA5093

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5093TCF UMS-CHA5093TCF Datasheet
152Kb / 6P
24-26GHz High Power Amplifier
logo
Filtronic Compound Semi...
LMA208G FILTRONIC-LMA208G Datasheet
158Kb / 4P
2-26GHz PHEMT Amplifier
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7866G NEC-MC-7866G Datasheet
23Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Fairchild Semiconductor
RMPA19000 FAIRCHILD-RMPA19000 Datasheet
232Kb / 8P
18-22 GHz Power Amplifier MMIC
logo
California Eastern Labs
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
CATV 22 dB POWER DOUBLER AMPLIFIER
logo
United Monolithic Semic...
CHA2441-QAG UMS-CHA2441-QAG_15 Datasheet
567Kb / 10P
22-26GHz Low Noise Amplifier
CHA5050-99F UMS-CHA5050-99F_15 Datasheet
462Kb / 10P
17-26GHz Medium Power Amplifier
logo
Vishay Barry
TV0402ZZ-XXXXWN-AA BARRY-TV0402ZZ-XXXXWN-AA Datasheet
148Kb / 2P
DC - 26GHz Chip Termination
REV.D APR 4 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com