Electronic Components Datasheet Search
  English  ▼

X  

CHR0100A Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHR0100A
Description  5.8GHz I/Q Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR0100A Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHR0100A Datasheet HTML 1Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 2Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 3Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 4Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 5Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5.8GHz Image Rejection Mixer
CHR0100a
Ref. : DSCHR01000161 -9-Jun-00
5/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
General tolerance
Package Pin Allocation (SJ)
Pin
Number
Description
RF
20
RF signal input
LO
11
LO signal input
VgI
7
I mixer negative supply voltage
VgQ
6
Q mixer negative supply voltage
Vd
1
Positive supply voltage
I
4
First IF output
Q
3
Second IF output (in quadrature)
10,12,15,17,
19,21
GROUND
2,5,8,9,13,14,
16,18,22,23,24
Not connected



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com