Electronic Components Datasheet Search
  English  ▼

X  

CHR0100A Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR0100A
Description  5.8GHz I/Q Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR0100A Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR0100A Datasheet HTML 1Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 2Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 3Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 4Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 5Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHR0100a
5.8GHz Image rejection mixer
Ref. : DSCHR01000161 -9-Jun-00
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
Fop
Operating frequency range
5.725
5.8
5.875
GHz
BWif
IF frequency band
DC
50
MHz
Cg
Conversion gain, RF to I or RF to Q
(1)
-4
-2.5
dB
NF
Noise figure (DSB), RF to I or RF to Q
IF=10MHz
5dB
Pif_1dB
I or Q IF output power at 1dB
compression gain
-5
dBm
Plo
LO input power
5
8
dBm
∆ϕ
I/Q phase unbalance
10
15
°
∆Cg
I/Q amplitude unbalance
0.5
1.0
dB
Vd
Positive bias voltage
4
V
Id
Bias current
15
25
mA
(1) Conversion gain will be 3dB higher after I/Q combination.
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Unit
Vd
Positive supply voltage
6
V
Vg
Negative supply voltage
-2 to 0
V
Pin
Maximum peak input power overdrive (2)
10
dBm
Top
Operating temperature range
-50 to 70
°C
Tstg
Storage temperature range
-55 to 155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com