Electronic Components Datasheet Search
  English  ▼

X  

CHR0100A Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR0100A
Description  5.8GHz I/Q Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR0100A Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR0100A Datasheet HTML 1Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 2Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 3Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 4Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 5Page - United Monolithic Semiconductors CHR0100A Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHR0100a
Ref. : DSCHR01000161 -9-Jun-00
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
5.8GHz I/Q Mixer
GaAs Monolithic Microwave IC
Description
The CHR0100a is a single chip MMIC
including an I/Q mixer and a RF gain block
that minimises the overall conversion loss of
the receiver and provides the RF signal to
the mixer through a power divider.
The circuit is manufactured with the P-
HEMT process : 0.25µm gate length, via
holes through the substrate, air bridges
and electron beam gate lithography.
It is supplied in chip form or in ceramic
leadless chip carrier.
Main Features
■ 5.8GHz centre frequency
■ DC-50MHz IF bandwidth
■ Low noise figure
■ Low I/Q phase & amplitude unbalance
■ Chip size : 1.77 x 1.37 x 0.10 mm
Vd
Vg
RF
LO
IQ
Block diagram
Conversion gain (RF to I; RF to Q)
and phase unbalance
Main Characteristics
Tamb = +25°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
Fop
Operating frequency range
5.725
5.8
5.875
GHz
Cg
Conversion gain (RF to I; RF to Q)
-4
-2.5
dB
Plo
LO input power
6
dBm
ESD Protections : Electrostatic discharge sensitive device observe handling precaution !


Similar Part No. - CHR0100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHR022 ETC2-CHR022 Datasheet
137Kb / 1P
HN RIGHT ANGLE PLUG FOR ECS CABLE 310801
logo
Riedon Powertron
CHR0402 RIEDON-CHR0402 Datasheet
273Kb / 2P
Non-magnetic Chip Resistors
CHR0402 RIEDON-CHR0402 Datasheet
172Kb / 2P
Non-magnetic Chip Resistors
CHR0402 RIEDON-CHR0402 Datasheet
142Kb / 2P
Non-magnetic Chip Resistors
CHR0402 RIEDON-CHR0402 Datasheet
142Kb / 2P
CHR Series
More results

Similar Description - CHR0100A

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
MIQ2XMS-1 SPECTRUM-MIQ2XMS-1 Datasheet
638Kb / 1P
I/Q Mixer / Modulator
MIQ3XMS-3 SPECTRUM-MIQ3XMS-3 Datasheet
627Kb / 1P
I/Q Mixer / Modulator
MIQ5XMS-1 SPECTRUM-MIQ5XMS-1 Datasheet
622Kb / 1P
I/Q Mixer / Modulator
MIQ5XSMD-1 SPECTRUM-MIQ5XSMD-1 Datasheet
590Kb / 1P
I/Q Mixer / Modulator
MIQ6XMS-1 SPECTRUM-MIQ6XMS-1 Datasheet
580Kb / 1P
I/Q Mixer / Modulator
MIQ6XSMD-1 SPECTRUM-MIQ6XSMD-1 Datasheet
691Kb / 1P
I/Q Mixer / Modulator
logo
API Technologies Corp
MIQ2XMS-1 APITECH-MIQ2XMS-1 Datasheet
669Kb / 1P
I/Q Mixer / Modulator
MIQ2XMS-2 APITECH-MIQ2XMS-2 Datasheet
633Kb / 1P
I/Q Mixer / Modulator
MIQ6XSMD-1 APITECH-MIQ6XSMD-1 Datasheet
635Kb / 1P
I/Q Mixer / Modulator
MIQ6XMS-1 APITECH-MIQ6XMS-1 Datasheet
613Kb / 1P
I/Q Mixer / Modulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com