Electronic Components Datasheet Search
  English  ▼

X  

EC2612 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # EC2612
Description  40GHz Super Low Noise PHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

EC2612 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  EC2612 Datasheet HTML 1Page - United Monolithic Semiconductors EC2612 Datasheet HTML 2Page - United Monolithic Semiconductors EC2612 Datasheet HTML 3Page - United Monolithic Semiconductors EC2612 Datasheet HTML 4Page - United Monolithic Semiconductors EC2612 Datasheet HTML 5Page - United Monolithic Semiconductors EC2612 Datasheet HTML 6Page - United Monolithic Semiconductors EC2612 Datasheet HTML 7Page - United Monolithic Semiconductors EC2612 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
40GHz Super Low Noise PHEMT
EC2612
Ref. : DSEC26120077 -17-Marc-00
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters
Tamb = +25°C
"S" Parameters, including Lg=Ld~0.15nH
Vds = 3V, Ids = 30mA
Freq.
GHz
S11
dB
S11
/°
S12
dB
S12
/°
S21
dB
S21
/°
S22
dB
S22
/°
1
-0,14
-11,0
-34,26
81,5
15,88
169,7
-4,78
-8,8
2
-0,19
-21,6
-28,41
76,1
15,69
162,2
-4,89
-18,3
3
-0,35
-32,3
-25,12
70,0
15,48
154,5
-5,11
-27,2
4
-0,62
-42,5
-22,92
64,0
15,20
146,7
-5,39
-36,0
5
-0,89
-52,5
-21,36
58,1
14,87
139,3
-5,80
-44,4
6
-1,12
-62,2
-20,14
52,2
14,53
132,3
-6,19
-53,5
7
-1,39
-71,9
-19,30
46,4
14,16
125,7
-6,67
-61,5
8
-1,70
-80,5
-18,69
42,0
13,74
119,5
-7,07
-68,5
9
-1,96
-88,2
-18,10
38,0
13,34
113,9
-7,38
-75,6
10
-2,15
-95,9
-17,61
33,5
12,96
108,3
-7,69
-83,2
11
-2,34
-104,1
-17,23
29,4
12,57
103,0
-8,04
-90,1
12
-2,47
-111,8
-16,88
25,8
12,23
97,6
-8,30
-96,9
13
-2,62
-118,7
-16,56
22,1
11,83
92,4
-8,55
-104,7
14
-2,78
-125,5
-16,35
18,7
11,40
87,4
-8,85
-111,9
15
-2,91
-132,8
-16,23
15,4
11,02
82,5
-9,03
-118,3
16
-3,00
-138,8
-16,11
12,9
10,60
78,1
-9,20
-123,8
17
-3,05
-144,2
-15,89
10,0
10,24
73,7
-9,29
-130,8
18
-3,08
-150,1
-15,79
6,7
9,86
69,5
-9,28
-137,3
19
-3,13
-156,5
-15,82
4,1
9,49
65,2
-9,34
-143,2
20
-3,17
-161,6
-15,77
1,5
9,14
61,2
-9,38
-148,9
21
-3,24
-166,5
-15,80
-2,0
8,75
57,2
-9,45
-155,9
22
-3,26
-171,9
-15,90
-4,8
8,40
53,3
-9,47
-160,6
23
-3,30
-176,7
-16,00
-6,9
8,02
50,0
-9,50
-164,8
24
-3,27
179,3
-15,96
-9,8
7,68
46,8
-9,43
-169,2
25
-3,26
175,8
-16,06
-12,6
7,39
43,6
-9,31
-174,6
26
-3,20
172,0
-16,12
-14,9
7,12
40,4
-9,20
-177,9
27
-3,17
167,4
-16,14
-17,2
6,86
37,1
-9,13
177,8
28
-3,15
163,5
-16,16
-20,0
6,62
33,4
-9,06
173,5
29
-3,19
159,2
-16,36
-22,2
6,28
29,7
-8,95
168,4
30
-3,15
155,1
-16,39
-23,1
5,98
26,5
-8,81
166,0
31
-3,10
151,2
-16,29
-24,9
5,70
23,1
-8,67
161,3
32
-3,03
147,7
-16,37
-27,5
5,40
19,5
-8,59
155,5
33
-2,99
144,1
-16,54
-28,8
5,12
16,7
-8,45
152,7
34
-2,98
139,8
-16,62
-30,6
4,89
13,4
-8,38
150,0
35
-2,97
136,5
-16,74
-32,6
4,68
10,1
-8,34
145,6
36
-2,89
132,3
-16,88
-34,5
4,51
6,4
-8,26
141,4
37
-2,85
128,2
-16,84
-36,4
4,24
3,0
-8,10
138,3
38
-2,83
124,9
-16,86
-39,7
4,04
-0,7
-7,89
133,7
39
-2,82
121,6
-17,04
-43,4
3,84
-4,4
-7,77
129,7
40
-2,83
116,9
-17,11
-46,0
3,47
-8,6
-7,71
127,3
Tamb = +25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com