Electronic Components Datasheet Search
  English  ▼

X  

EC2612 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # EC2612
Description  40GHz Super Low Noise PHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

EC2612 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  EC2612 Datasheet HTML 1Page - United Monolithic Semiconductors EC2612 Datasheet HTML 2Page - United Monolithic Semiconductors EC2612 Datasheet HTML 3Page - United Monolithic Semiconductors EC2612 Datasheet HTML 4Page - United Monolithic Semiconductors EC2612 Datasheet HTML 5Page - United Monolithic Semiconductors EC2612 Datasheet HTML 6Page - United Monolithic Semiconductors EC2612 Datasheet HTML 7Page - United Monolithic Semiconductors EC2612 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
40GHz Super Low Noise PHEMT
EC2612
Ref. : DSEC26120077 -17-Marc-00
7/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
(CHIP) Equivalent Circuit model (Drain and Gate bond wires included)
Lg
Rg
Cg d
Rd
Ld
Cds
Rd s
Ta u
Gm
Cg s
Ri
Vg s
Rs
Ls
D
G
S
backside of substrate
Parameter
Unit
Value
Lg
pH
152.54
Rg
Ohms
0.13
Cgs
fF
142.6
Ri
Ohms
3.2
Cgd
fF
39.57
Rs
Ohms
2.83
Ls
pH
0.11
Gm
mS
98.14
Tau
ps
2.8
Cds
fF
46.84
Rds
Ohms
116.8
Rd
Ohms
2.83
Ld
pH
117.01
Typical Noise Parameters at Vds=2V, Ids=14mA
(Drain and Gate bond wires included)
FREQUENCY
NF min
ΓΓΓΓopt
Rn
MHz
dB
MOD.
Ang.(°)
5000
0.26
0.811
19.888
14.089
8000
0.356
0.746
32.28
13.33
12000
0.492
0.658
49.899
11.87
15000
0.595
0.598
64.263
10.51
20000
0.762
0.514
91.037
7.965
24000
0.892
0.473
114.916
5.923
28000
1.01
0.460
139.673
4.16
30000
1.07
0.465
151.723
3.473
32000
1.137
0.475
163.219
2.966
35000
1.223
0.5
179.087
2.63
38000
1.307
0.533
-166.857
2.923
40000
1.362
0.556
-158.467
3.538
42000
1.415
0.581
-150.795
4.536
45000
1.493
0.618
-140.488
6.843



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com