Electronic Components Datasheet Search
  English  ▼

X  

TS2GCF133 Datasheet(PDF) 31 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 31 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 27Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 28Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 29Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 30Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 31Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 32Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 33Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 34Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 35Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
31
Data-In Burst Host Termination Timing), and tLI indicate sender-to-recipient or recipient-to-sender
interlocks, i.e., one agent (either sender or recipient) is waiting for the other agent to respond with a
signal before proceeding. tUI is an unlimited interlock that has no maximum time value. tMLI is a
limited time-out that has a defined minimum. tLI is a limited time-out that has a defined maximum.
2) 80-conductor cabling shall be required in order to meet setup (tDS, tCS) and hold (tDH, tCH) times
in modes greater than 2.
3) Timing for tDVS, tDVH, tCVS and tCVH shall be met for lumped capacitive loads of 15 and 40 pF
at the connector where the Data and STROBE signals have the same capacitive load value. Due to
reflections on the cable, these timing measurements are not valid in a normally functioning system.
4)For all modes the parameter tZIORDY may be greater than tENV due to the fact that the host has
a pull-up on IORDY- giving it a known state when released.
5)The parameters tDS, and tDH for mode 5 are defined for a recipient at the end of the cable only in
a configuration with a single device located at the end of the cable. This could result in the minimum
values for tDS and tDH for mode 5 at the middle connector being 3.0 and 3.9 ns respectively.
Notes: 1) All timing measurement switching points(low to high and high to low) shall be taken at 1.5 V.
2) The correct data value shall be captured by the recipient given input data with a slew rate of 0.4
V/ns rising and falling and the input STROBE with a slew rate of 0.4 V/ns rising and falling at tDSIC
and tDHIC timing (as measured through 1.5 V).
3) The parameters tDVSIC and tDVHIC shall be met for lumped capacitive loads of 15 and 40 pF at
the IC where all signals have the same capacitive load value. Noise that may couple onto the output
signals from external sources has not been included in these values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com