Electronic Components Datasheet Search
  English  ▼

X  

TS2GCF133 Datasheet(PDF) 54 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 54 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 50Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 51Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 52Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 53Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 54Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 55Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 56Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 57Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 58Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
54
Definitions:
FR = Features Register
SC = Sector Count RegisterS
SN = Sector Number Register
CY = Cylinder Registers
DH = Card/Drive/Head Register
LBA = Logical Block Address Mode Supported (see command descriptions for use).
Y - The register contains a valid parameter for this command. For the Drive/Head Register Y means
both the CompactFlash Storage Card and head parameters are used; D - only the
CompactFlash Storage Card parameter is valid and not the head parameter; C – The register
contains command specific data (see command descriptions for use).
Check Power Mode - 98h or E5h
If the CompactFlash Storage Card is in, going to, or recovering from the sleep mode, the CompactFlash Storage
Card sets BSY, sets the Sector Count Register to 00h, clears BSY and generates an interrupt.
If the CompactFlash Storage Card is in Idle mode, the CompactFlash Storage Card sets BSY, sets the Sector
Count Register to FFh, clears BSY and generates an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com