Electronic Components Datasheet Search
  English  ▼

X  

TS2GCF133 Datasheet(PDF) 66 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 66 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 62Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 63Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 64Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 65Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 66Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 67Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 68Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 69Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 70Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
66
3-7
Reserved
Bits 15-12 are reserved.
Word 164: CF Advanced PCMCIA I/O and Memory Timing Modes Capabilities and Settings
This word describes the capabilities and current settings for CFA defined advanced timing modes using
the Memory and PCMCIA I/O interface.
Notice! The use of PCMCIA I/O or Memory modes that are 100ns or faster impose significant
restrictions on the implementation of the host:
Additional Requirements for CF Advanced Timing Modes.
Bits 2-0: Maximum Advanced PCMCIA I/O Mode Support Indicates the maximum I/O timing mode
supported by the card.
Value
Maximum PCMCIA IO timing mode Supported
0
255ns Cycle PCMCIA I/O Mode
1
120ns Cycle PCMCIA I/O Mode
2
100ns Cycle PCMCIA I/O Mode
3
80ns Cycle PCMCIA I/O Mode
4-7
Reserved
Bits 5-3: Maximum Memory timing mode supported
Indicates the Maximum Memory timing mode supported by the card.
Bits 15-6: Reserved.
Value
Maximum Memory timing mode Supported
0
250ns Cycle Memory Mode
1
120ns Cycle Memory Mode
2
100ns Cycle Memory Mode
3
80ns Cycle Memory Mode
4-7
Reserved
Idle - 97h or E3h
This command causes the CompactFlash Storage Card to set BSY, enter the Idle mode, clear BSY and
generate an interrupt. If the sector count is non-zero, it is interpreted as a timer count with each count being 5
milliseconds and the automatic power down mode is enabled. If the sector count is zero, the automatic power
down mode is disabled. Note that this time base (5 msec) is different from the ATA specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com