Electronic Components Datasheet Search
  English  ▼

X  

ECH8901 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ECH8901
Description  PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8901 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ECH8901 Datasheet HTML 1Page - Sanyo Semicon Device ECH8901 Datasheet HTML 2Page - Sanyo Semicon Device ECH8901 Datasheet HTML 3Page - Sanyo Semicon Device ECH8901 Datasheet HTML 4Page - Sanyo Semicon Device ECH8901 Datasheet HTML 5Page - Sanyo Semicon Device ECH8901 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ECH8901
No. A1472-2/6
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm) 1unit
1.3
W
Total Dissipation
PT
When mounted on ceramic substrate (900mm2×0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[TR]
Collector Cutoff Current
ICBO
VCB= --30V, IE=0A
--0.1
μA
Emitter Cutoff Current
IEBO
VEB= --4V, IC=0A
--0.1
μA
IECO
VEC= --4.5V, IB=0A
--1
μA
DC Current Gain
hFE
VCE= --2V, IC= --500mA
200
560
Gain-Bandwidth Product
fT
VCE= --10V, IC= --500mA
380
MHz
Output Capacitance
Cob
VCB= --10V, f=1MHz
25
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC= --1.5A, IB= --30mA
--140
--200
mV
VCE(sat)2
IC= --1.5A, IB= --75mA
--90
--135
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC= --1.5A, IB= --30mA
--0.83
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC= --10μA, IE=0A
--30
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC= --1mA, RBE=∞
--30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE= --10μA, IC=0A
--5
V
Turn-On Time
ton
See specified Test Circuit.
50
ns
Storage Time
tstg
See specified Test Circuit.
270
ns
Fall Time
tf
See specified Test Circuit.
25
ns
[FET]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--12
V
Zero-Gate Voltage Drain Current
IDSS1VDS=--8V, VGS=0V
--1
μA
IDSS2VDS=--12V, VGS=0V
--10
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--6V, ID=--1mA
--0.4
--1.4
V
Forward Transfer Admittance
| yfs |
VDS=--6V, ID=--3A
6.6
11
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--3A, VGS=--4.5V
21
28
mΩ
RDS(on)2
ID=--1.5A, VGS=--2.5V
31
45
mΩ
RDS(on)3
ID=--0.5A, VGS=--1.8V
49
78
mΩ
Input Capacitance
Ciss
VDS=--6V, f=1MHz
1000
pF
Output Capacitance
Coss
VDS=--6V, f=1MHz
320
pF
Reverse Transfer Capacitance
Crss
VDS=--6V, f=1MHz
250
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
11
ns
Rise Time
tr
See specified Test Circuit.
72
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
105
ns
Fall Time
tf
See specified Test Circuit.
87
ns
Total Gate Charge
Qg
VDS=--6V, VGS=--4.5V, ID=--6A
11
nC
Gate-to-Source Charge
Qgs
VDS=--6V, VGS=--4.5V, ID=--6A
1.5
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--6V, VGS=--4.5V, ID=--6A
2.9
nC
Diode Forward Voltage
VSD
IS=--6A, VGS=0V
--0.81
--1.2
V
Note : The specifications shown above are for each individual transistor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com