Electronic Components Datasheet Search
  English  ▼

X  

ECH8901 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # ECH8901
Description  PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8901 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  ECH8901 Datasheet HTML 1Page - Sanyo Semicon Device ECH8901 Datasheet HTML 2Page - Sanyo Semicon Device ECH8901 Datasheet HTML 3Page - Sanyo Semicon Device ECH8901 Datasheet HTML 4Page - Sanyo Semicon Device ECH8901 Datasheet HTML 5Page - Sanyo Semicon Device ECH8901 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ECH8901
No. A1472-6/6
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating
condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
Co.,Ltd. products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures
or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give
rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment,
adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but
are not limited to protective circuits and error prevention circuits for safe design, redundant design, and
structural design.
Upon using the technical information or products described herein, neither warranty nor license shall be
granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any
third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third
party's intellectual property rights which has resulted from the use of the technical information and products
mentioned above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd.
PS
This catalog provides information as of February, 2010. Specifications and information herein are subject
to change without notice.
Note on usage : Since the ECH8901 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
Ambient Temperature, Ta --
°C
PD -- Ta
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
012345678
10
911
12
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
IT12955
IT12956
IT12957
VDS= --6V
ID= --6A
2
2
3
5
7
--0.1
2
3
5
7
--1.0
0
0
20
40
0.4
60
80
100
120
140
160
1.0
1.4
1.5
1.3
1.8
0.2
0.8
0.6
1.2
1.6
--0.01
--0.01
--0.1
57
23
23
2
--1.0
57
32
Operation in this
area is limited by RDS(on).
100ms
DC
operation
(T
a=25
°C)
10ms
1ms
IDP= --40A
ID= --6A
1unit
2
3
5
7
--10
3
5
7
--100
--10
57
3
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm) 1unit
Total
Dissipation
When mounted on ceramic substrate
(900mm2
×0.8mm)
PW
≤10μs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com