Electronic Components Datasheet Search
  English  ▼

X  

ECH8901 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ECH8901
Description  PNP Epitaxial Planar Silicon Transistor P-Channel Silicon MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8901 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ECH8901 Datasheet HTML 1Page - Sanyo Semicon Device ECH8901 Datasheet HTML 2Page - Sanyo Semicon Device ECH8901 Datasheet HTML 3Page - Sanyo Semicon Device ECH8901 Datasheet HTML 4Page - Sanyo Semicon Device ECH8901 Datasheet HTML 5Page - Sanyo Semicon Device ECH8901 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ECH8901
No. A1472-4/6
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
[TR]
[TR]
[TR]
hFE -- IC
fT -- IC
Collector Current, IC -- A
Collector Current, IC -- A
[TR]
[TR]
hFE -- IC
Collector Current, IC -- A
[TR]
VCE(sat) -- IC
Collector Current, IC -- A
[TR]
[TR]
A S O
Collector-to-Emitter Voltage, VCE -- V
2
10
100
3
5
7
7
23
5
7
--1.0
--10
23
5
f=1MHz
IT14668
IT14669
2
3
5
7
--1.0
2
3
23
5 7
--0.01
--0.1
23
5 7 --1.0
25
3
IC / IB=50
Ta= --25°C
75°C
IT14671
25
°C
3
5
7
100
2
3
5
7
IT14665
IT14667
VCE= --10V
23
5 7
--0.01
--0.1
23
5 7 --1.0
25
3
IT14670
IT14666
--0.1
7
5
3
2
7
5
3
2
7
5
3
2
2
--1.0
--10
--0.01
--0.01
--0.1
25
35
72
--1.0
5
37
2
--10
5
37
2 3
IC= --3A
10ms
1ms
100ms
DC
operation
ICP= --6A
IT14672
Ta=25
°C
Single pulse
5
100
2
3
7
5
VCE= --0.5V
23
5
2
3
5
7
--0.01
--0.1
23
5 7 --1.0
--25°C
Ta=75°C
25°C
5
100
2
3
7
5
VCE= --2V
23
5
2
3
5
7
--0.01
--0.1
23
5 7 --1.0
--25°C
Ta=75°C
25°C
7
2
3
5
7
--100
--10
2
3
23
5
2
3
5
7
--0.01
--0.1
23
5 7 --1.0
--25
°C
Ta=75
°C
IC / IB=20
25
°C
2
3
5
2
3
5
7
--100
--10
7
23
5
2
3
5
7
--0.01
--0.1
23
5 7 --1.0
--2
5°C
Ta=75
°C
IC / IB=50
25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com