Electronic Components Datasheet Search
  English  ▼

X  

NCP1237 Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 11Page - ON Semiconductor NCP1237 Datasheet HTML 12Page - ON Semiconductor NCP1237 Datasheet HTML 13Page - ON Semiconductor NCP1237 Datasheet HTML 14Page - ON Semiconductor NCP1237 Datasheet HTML 15Page - ON Semiconductor NCP1237 Datasheet HTML 16Page - ON Semiconductor NCP1237 Datasheet HTML 17Page - ON Semiconductor NCP1237 Datasheet HTML 18Page - ON Semiconductor NCP1237 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
NCP1237
http://onsemi.com
15
Oscillator with Maximum Duty Ratio and Frequency
Jittering
The NCP1237 includes an oscillator that sets the
switching frequency with an accuracy of
$7%. The
maximum duty ratio of the DRV pin is 80% (typical), with
an accuracy of
$7%.
In order to improve the EMI signature, the switching
frequency jitters around its nominal value, with a
triangle−wave shape.
Figure 9. Frequency Jittering
Time
fOSC
fOSC + Ajitter
Nominal fOSC
fOSC - Ajitter
1 / Fjitter
Clamped Driver
The supply voltage for the NCP1237 can be as high as
28 V, but most of the MOSFETs that will be connected to the
DRV pin cannot tolerate a gate−to−source voltage greater
than 20 V on their gate. The driver pin is therefore clamped
safely below 16 V.
Figure 10. Clamped Driver
DRV
Clamp
DRV signal
VCC
This driver has a typical current capability of
±1.0 A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com