Electronic Components Datasheet Search
  English  ▼

X  

NCP1237 Datasheet(PDF) 19 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 15Page - ON Semiconductor NCP1237 Datasheet HTML 16Page - ON Semiconductor NCP1237 Datasheet HTML 17Page - ON Semiconductor NCP1237 Datasheet HTML 18Page - ON Semiconductor NCP1237 Datasheet HTML 19Page - ON Semiconductor NCP1237 Datasheet HTML 20Page - ON Semiconductor NCP1237 Datasheet HTML 21Page - ON Semiconductor NCP1237 Datasheet HTML 22Page - ON Semiconductor NCP1237 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
NCP1237
http://onsemi.com
19
Figure 15. Overpower Compensation Current Relation to Feedback Voltage and Input Voltage
VFB
IOPC
VFB(fold)
VFB(OPC)
VHV
Feedback with Slope Compensation
The ratio from the FB voltage to the current sense setpoint
is typically 5. This means that the FB voltage corresponding
to VILIM is 3.5 V. There is a pullup resistor of 20 kW
(typical) from FB pin to the internal reference VFB(ref).
Figure 16. FB Circuitry
CS
FB
−
+
t LEB
blanking
VDD
Oscillator
20 kW
K FB
slope
comp.
PWM
In order to allow the NCP1237 to operate in CCM with a
duty cycle above 50%, a fixed slope compensation is
internally applied to the current−mode control. The slope
appearing on the internal voltage setpoint for the PWM
comparator is −32.5 mV/
ms typical for the 65 kHz version
(and respectively −50 mV/
ms and −67 mV/ms for the
100 kHz and 133 kHz versions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com