Electronic Components Datasheet Search
  English  ▼

X  

NCP1237 Datasheet(PDF) 26 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button NCP1237 Datasheet HTML 22Page - ON Semiconductor NCP1237 Datasheet HTML 23Page - ON Semiconductor NCP1237 Datasheet HTML 24Page - ON Semiconductor NCP1237 Datasheet HTML 25Page - ON Semiconductor NCP1237 Datasheet HTML 26Page - ON Semiconductor NCP1237 Datasheet HTML 27Page - ON Semiconductor NCP1237 Datasheet HTML 28Page - ON Semiconductor NCP1237 Datasheet HTML 29Page - ON Semiconductor NCP1237 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
NCP1237
http://onsemi.com
26
LOW LOAD OPERATION
Frequency Foldback
In order to improve the efficiency in light load conditions,
the frequency of the internal oscillator is linearly reduced
from its nominal value down to fOSC(min). This frequency
foldback starts when the voltage on FB pin VFB goes below
VFB(fold), and is complete before VFB reaches Vskip(in),
whatever the nominal switching frequency option is. The
current−mode control is still active while the oscillator
frequency decreases, but the frequency jittering is off.
Note that the frequency foldback is disabled if the
controller runs at its maximum duty cycle.
Figure 23. Frequency Foldback when the FB Voltage Decreases
FB
fOSC
Nominal fOSC
Vskip(in)
VFB(fold)
fOSC(min)
Skip
Skip Cycle Mode with Soft−Skip
Figure 24. Skip Cycle with Soft−Skip Schematic
−
+
DRV stage
CS
S
R
Q
tSSKIP
Soft−skip ramp
FB
Reset
tLEB
blanking
Oscillator
DCMAX
−
+
KFB
+
Vskip
Sawtooth
−
+
When VFB reaches Vskip(in) while decreasing, the skip
mode is activated: the driver stops, and the internal
consumption of the controller is decreased. While VFB is
below Vskip(out), the controller remains in this state. When
VFB crosses Vskip(out), the DRV pin starts to pulse again, and
the controller restarts with a short Soft−Skip duration
(tSSKIP). The soft−skip imposes the peak current from nearly
0, in a voltage−mode manner: it doesn’t have the same
behavior as the startup soft−start which is current−mode
driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com