Electronic Components Datasheet Search
  English  ▼

X  

TS39103 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS39103
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39103 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS39103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS39103
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
3/8
Version: A08
Electrical Characteristics (Continue)
Enable Input
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.25
--
--
V
VEN =2.25V
--
--
75
Enable Pin Input Current
VEN =0.8V
--
--
4
uA
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note 2: The device is not guaranteed to operate outside its operating rating.
Note 3: Devices are ESD sensitive. Handling precautions recommended.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction
to ambient thermal resistance, ӨJA, and the ambient temperature, Ta. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
effective value of ӨJA can be reduced by using a heat sink, Pd(max) = (TJ(max) – Ta) / ӨJA.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops -1% below its
nominal value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of
the ground pin current and output load current, IGND = IIN - IOUT for fix output voltage, , IGND = IIN - IOUT +10mA
for fix reference output voltage in full load regulation.
Note 7: VREF ≤ VOUT ≤ (VIN – 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1.0A.
Note 8: Output voltage temperature coefficient is ΔVOUT (worse cast) / (TJ(max) – TJ(MIN)) where is TJ(max) +125
oC and
TJ(MIN) is 0
oC.
Note 9: For adjustable device and fixed device with VOUT > 2.25V.
Pin Description
Pin Configuration
Pin Description
Enable
TTL/COMS compatible input. Logic high is enable; logic low or open is shutdown
Input
Unregulated input: +16V maximum supply
Ground
Ground: Ground pin and TAB / heat sink are internally connected.
Output
Regulator output
Flag (fixed voltage)
Error Flag (output): Open-collector output. Active low indicates an output fault condition,
if no used, leave open.
Feed Back (adjustable)
Adjustment input: Feedback input. Connect to resistive voltage-divider network.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com