Electronic Components Datasheet Search
  English  ▼

X  

TS39103 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS39103
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39103 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS39103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS39103
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
5/8
Version: A08
Application Information (Continue)
Transient Response and 3.3V to 2.5V or 2.5V to 1.8V Conversion
TS39103 has excellent transient response to variations in input voltage and load current. The device have been
designed to respond quickly to load current variations and input voltage variations. Large output capacitors are not
required to obtain this performance. A standard 10uF output capacitor, preferably tantalum, is all that is required.
Larger values help to improve performance even further. By virtue of its low dropout voltage, this device does not
saturate into dropout as readily as similar NPN base designs. When converting from 3.3V to 2.5V or 2.5V to 1.8V, the
NPN based regulators are already operating in dropout, with typical dropout requirements of 1.2V or greater,. To
convert down to 2.5V or 1.8V without operating in dropout, NPN based regulators require an input voltage of 3.7V at
the very least. The TS39103 will provide excellent performance with an input as low as 3.0V or 2.5V respectively. This
gives the PNP based regulators a distinct advantage over older, NPN based linear regulators.
Power Dissipation
From under curves, the minimum area of copper necessary for the par to operate safely can be determined. The
maximum allowable temperature rise must be calculated to determine operation along which curve.
Error Flag
TS39101/3 versions feature an Error Flag, which looks at the output voltage and signals an error condition when this
voltage drops 5% below its expected value. The error flag is an open-collector output that pulls low under fault
conditions. It may sink 10mA. Low output voltage signifies a number of possible problems, including an over-current
fault (the device is in current limit) or low input voltage. The flag output is inoperative during over temperature
shutdown conditions. A pull-up resistor from error flag to either ViN or VOUT is required for proper operation. For
information regarding the minimum and maximum values of pull-up resistance, refer the graph as follow:
Enable Input
TS39103 versions feature an active-high enable (EN) input that allows ON/OFF control of the regulator. Current drain
reduces to “zero” when the device is shutdown, with only micro-amperes of leakage current. The EN input has
TTL/CMOS compatible thresholds for simple interfacing with logic interfacing. EN may be directly tied to ViN and pulled
up to the maximum supply voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com