Electronic Components Datasheet Search
  English  ▼

X  

TS39103 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS39103
Description  1A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39103 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39103 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39103 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS39103
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
1/8
Version: A08
TO-252-5L
(PPAK)
General Description
The TS39103 are 1A ultra low dropout linear voltage regulators that provide low voltage, high current output from an
extremely small package. These regulators offers extremely low dropout (typically 400mV at 1A) and very low
ground current (typically 12mA at 1A).
The TS39103 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over
temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which
signals whenever the output falls out of regulation.
Features
●
Dropout voltage typically 0.4V @Io=1.0A
●
Output Current up to 1A
●
Low Ground Current
●
Extremely Fast Transient Response
●
Reversed Leakage & Reverse Battery Protection
●
Current Limit & Thermal Shutdown Protection
Application
●
ULDO Linear Regulator for PC add-in Cards
●
PowerPC
TM Power Supplies
●
Battery Powered Equipment
●
Consumer and Personal Electronics
●
High Efficiency Linear Power Supplies
●
SMPS Post Regulator and DC to DC Modules
●
High-efficiency Post Regulator for Switching Supply
●
Portable Application
●
Low-Voltage microcontrollers and Digital Logic
Ordering Information
Part No.
Package
Packing
TS39103CP5xx RO
TO-252
2.5Kpcs / 13” Reel
Note: Where xx denotes voltage option, available are
18=1.8V
25=2.5V
33=3.3V
50=5.0V
Typical Application Circuit
TS39103
Pin Definition:
1. Enable
2. Input
3. Ground (tab)
4. Output
5. Flag / Feedback


Similar Part No. - TS39103

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39103CP4XXROG TSC-TS39103CP4XXROG Datasheet
205Kb / 8P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103CP5 TSC-TS39103CP5 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39103CP5 TSC-TS39103CP5 Datasheet
593Kb / 13P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103CP505 TSC-TS39103CP505 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39103CP51.5 TSC-TS39103CP51.5 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS39103

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_07 Datasheet
593Kb / 13P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
1A Ultra Low Dropout Voltage Regulator with Enable Function
TS39101 TSC-TS39101 Datasheet
568Kb / 9P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103_11 Datasheet
205Kb / 8P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM50 TSC-TS39300CM50 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ18 TSC-TS39300CZ18 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com