Electronic Components Datasheet Search
  English  ▼

X  

MAX1838EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1838EEE
Description  Dual USB Switch with Fault Blanking and Autoreset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1838EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1838EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Dual USB Switch with Fault Blanking
and Autoreset
_______________________________________________________________________________________
7
1ms/div
SWITCH TURN-ON TIME, COUT = 1
µF
5V
5V
VOUT_
0
1V
2V
3V
4V
0
MAX1838 toc17
VON
Typical Operating Characteristics (continued)
(Circuit of Figure 2, VIN_ = 5V, TA = +25
°C, unless otherwise noted.)
1ms/div
SWITCH TURN-OFF TIME,
COUT = 1
µF ROUT = 10Ω
MAX1838 toc18
5V
5V
VOUT_
0
1V
2V
3V
4V
0
VON
1ms/div
START-UP TIME INTO 10
ΩLOAD
4V
5V
VOUT_
IOUT_
0
0.5A
0
2V
0
MAX1838 toc19
VON
Pin Description
PIN
NAME
FUNCTION
1, 8
GND
Ground. Connect both GND pins together.
2
SEL
Select Input. Control input to select from either VIN_ or VAUX_ for both outputs. Pull SEL high for
power from IN source, low for power from AUX source.
3, 6
AUXA, AUXB
Auxiliary Input. Connect both AUX pins together and bypass with a 0.1µF capacitor to ground.
Load conditions may require additional bulk capacitance to maintain AUX voltage regulation.
4, 5
INA, INB
Power Input. Connect both IN pins together and bypass with a 0.1µF capacitor to GND. Load
conditions may require additional bulk capacitance to maintain the IN voltage regulation.
7
ON
Control Input. A logic low at
ON turns on the device. A logic high shuts off both outputs and all
power to internal circuits. Driving
ON higher than IN does not cause damage.
9
FAULTB
Fault Indicator Output for Channel B. This open-drain output goes low when channel B is in
thermal shutdown or in undervoltage lockout or in a sustained (>20ms) current-limit or short-circuit
condition.
10
ADJB
Current-Limit Adjust for Channel B. When operating from auxiliary input, adjust the current limit by
connecting a resistor from ADJB to GND as shown in Programmable Current Limit.
11, 12
OUTB1, OUTB2
Power Output B. Connect both OUTB_ pins together. Connect a 1µF or greater capacitor from
OUTB_ to ground. Load condition may require additional bulk capacitance.
13, 14
OUTA1, OUTA2
Power Output A. Connect both OUTA_ pins together. Connect a 1µF or greater capacitor from
OUTA_ to ground. Load condition may require additional bulk capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com