Electronic Components Datasheet Search
  English  ▼

X  

MAX1838EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1838EEE
Description  Dual USB Switch with Fault Blanking and Autoreset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1838EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1838EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Dual USB Switch with Fault Blanking
and Autoreset
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN__ = VAUX__ = 5V, ON = SEL = GND, ADJ_ = open, TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA =
+25
°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Turn-On Delay
ROUT_ = 10
Ω, does not include rise time
(from ON asserted to VOUT_ = 10% of
VIN_), COUT_ = 1µF
0.5
2
4.0
ms
Output Rise Time
ROUT_ = 10
Ω, from 10% to 90% of VOUT_,
COUT_ = 1µF
4.5
ms
Turn-Off Delay from ON
ROUT_ = 10
Ω, does not include fall time
(from ON asserted to VOUT_ = 90% of
VIN_), COUT_ = 1µF
0.8
3
ms
Output Fall Time
ROUT_ = 10
Ω, from 90% to 10% of VOUT_,
COUT_ = 1µF
3ms
Thermal Shutdown Threshold
10
°C hysteresis
160
°C
Logic Input High Voltage
VIN_ = 4V to 5.5V
2
V
Logic Input Low Voltage
VIN_ = 4V to 5.5V
0.8
V
Logic Input Current
V ON = 0V or 5.5V
-1
1
µA
FAULT_ Output Low Voltage
VIN_ = 4V, sinking 1mA
0.4
V
FAULT_ Output High Leakage
Current
VIN_ = V FAULT_ = 5.5V
1
µA
Autoreset Current
In latched-off state, VOUT_ = 0V
10
25
50
mA
Autoreset Threshold
In latched-off state, VOUT_ rising
0.4
0.5
0.6
V
Autoreset Blanking Time
In latched-off state, VOUT_ > 1V
10
20
35
ms
AUX_ to IN_ or IN_ to AUX_
Select Delay
Make-before-break (Note 1)
4.5
9
18
ms
ELECTRICAL CHARACTERISTICS
(VIN__ = VAUX__ = V ON = 5V, SEL = GND, ADJ_ = open, TA = -40
°C to +85°C, unless otherwise noted. Circuit of Figure 1.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
VIN_
4.0
5.5
V
Supply Voltage Range
VAUX_
4.0
5.5
V
Switch On-Resistance
RON
VIN_ = 5V, each switch
170
m
Ω
AUX_ Standby Supply Current
V ON = VAUX_16
µA
IN_ Standby Supply Current
V ON = VIN_3
µA
AUX_ Quiescent Supply Current
V ON = 0V, IOUT_ = 0A
350
µA
IN_ Quiescent Supply Current
V ON = 0V, IOUT = 0A, SEL = AUX_
300
µA
OUT_ Off-Leakage Current
V ON = VIN_, VOUTA_ = VOUTB_ = 0V
10
µA
Reverse Leakage Current
VOUT_ = 5.5V, VIN_ = VAUX_ = 0V
10
µA
Undervoltage Lockout Threshold
VUVLO
VIN_ or VAUX_ rising edge, 3% hysteresis
3.0
3.8
V
Continuous Load Current
500
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com