Electronic Components Datasheet Search
  English  ▼

X  

MAX1838EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1838EEE
Description  Dual USB Switch with Fault Blanking and Autoreset
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1838EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1838EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1838EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Dual USB Switch with Fault Blanking
and Autoreset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN__ = VAUX__ = 5V, ON = SEL = GND, ADJ_ = open, TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA =
+25
°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN_, AUX_, ON, OUT_, SEL, FAULT_,
ADJ_ to GND .........................................................-0.3V to +6V
IN_, AUX_ to OUTA_; IN_, AUX_ to OUTB_.................-6V to +6V
AUX_ to IN_ .................................................................-6V to +6V
Maximum Continuous Switch Current
(per channel, internally limited).............................................1.2A
FAULT_ Current ..................................................................20mA
Continuous Power Dissipation (TA = +70
°C)
16-Pin QSOP (derate 8.3mW/
°C above +70°C)..........667mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIN_
4.0
5.5
Supply Voltage Range
VAUX_
4.0
5.5
V
VIN_ = 5V, each switch
95
170
Switch On-Resistance
RON
VIN_ = 4V, each switch
100
m
Ω
AUX_ Standby Supply Current
V ON = VAUX_
7
16
µA
IN_ Standby Supply Current
V ON = VIN_1
3
µA
AUX_ Quiescent Supply Current
V ON = 0V, IOUT_ = 0A
66
350
µA
IN_ Quiescent Supply Current
V ON = 0V, IOUT_ = 0A, SEL = AUX_
23
300
µA
OUT_ Off-Leakage Current
V ON = VIN_, VOUTA_ = VOUTB_ = 0V
0.02
10
µA
Reverse Leakage Current
V OUT = 5.5V, VIN_ = VAUX_ = 0V
0.02
10
µA
Undervoltage Lockout Threshold
VUVLO
VIN_ or VAUX_ rising edge, 3% hysteresis
3.0
3.5
3.8
V
Continuous Load Current
500
mA
VIN_ - VOUT_ = 0.5V, SEL = AUX_
0.6
0.9
1.2
VAUX_ - VOUT_ = 0.5V, SEL = GND
0.6
0.9
1.2
Current-Limit Threshold
ILIM
RADJ_ = 67k
Ω
0.09
0.225
0.36
A
0.3
0.48
APEAK
SEL = GND,
VOUT_ = 0V
(IOUT_ pulsing)
RADJ_ = 67k
Ω
0.09
ARMS
0.6
1.2
1.8
APEAK
Short-Circuit Current Limit
ISHORT
SEL = AUX_, VOUT_ = 0V
0.35
ARMS
Continuous Current-Limit
Blanking Timeout Period
From continuous current-limit condition to
FAULT_ assertion
10
20
35
ms
Short-Circuit Blanking Timeout
Period
From short-circuit current-limit condition to
FAULT_ assertion
7.5
18
35
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com