Electronic Components Datasheet Search
  English  ▼

X  

AD5175 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5175
Description  Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5175 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5175 Datasheet HTML 6Page - Analog Devices AD5175 Datasheet HTML 7Page - Analog Devices AD5175 Datasheet HTML 8Page - Analog Devices AD5175 Datasheet HTML 9Page - Analog Devices AD5175 Datasheet HTML 10Page - Analog Devices AD5175 Datasheet HTML 11Page - Analog Devices AD5175 Datasheet HTML 12Page - Analog Devices AD5175 Datasheet HTML 13Page - Analog Devices AD5175 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5175
Rev. 0 | Page 10 of 20
1.0
–1.5
–1.0
–0.5
0
0.5
–10
60
50
40
30
20
10
0
TIME (µs)
VDD/VSS = ±2.5V
IAW = 200µA
0.006
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0.005
0
1000
900
800
700
600
500
400
300
200
100
OPERATION AT 150°C (Hours)
VDD/VSS = 5V/0V
IAW = 10µA
CODE = HALF SCALE
Figure 18. Digital Feedthrough
Figure 19. Long-Term Drift Accelerated Average by Burn-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com