Electronic Components Datasheet Search
  English  ▼

X  

AD5175 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5175
Description  Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5175 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5175 Datasheet HTML 12Page - Analog Devices AD5175 Datasheet HTML 13Page - Analog Devices AD5175 Datasheet HTML 14Page - Analog Devices AD5175 Datasheet HTML 15Page - Analog Devices AD5175 Datasheet HTML 16Page - Analog Devices AD5175 Datasheet HTML 17Page - Analog Devices AD5175 Datasheet HTML 18Page - Analog Devices AD5175 Datasheet HTML 19Page - Analog Devices AD5175 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD5175
Rev. 0 | Page 17 of 20
Table 8. Write and Read to RDAC and 50-TP Memory
DIN
SDO1
Action
0x1C03
0xXXXX
Enable update of wiper position and 50-TP memory contents through digital interface.
0x0500
0x1C03
Write 0x100 to the RDAC register, wiper moves to ¼ full-scale position.
0x0800
0x0500
Prepare data read from RDAC register.
0x0C00
0x100
Stores RDAC register content into 50-TP memory. 16-bit word appears out of SDO, where the last 10-bits contain the
contents of the RDAC Register 0x100.
0x1800
0x0C00
Prepare data read of the last programmed 50-TP memory monitor location.
0x0000
0xXX19
NOP Instruction 0 sends a 16-bit word out of SDO, where the six LSBs (that is, the last 6 bits) contain the binary address
of the last programmed 50-TP memory location, for example, 0x19 (see Table 11).
0x1419
0x0000
Prepares data read from Memory Location 0x19.
0x2000
0x0100
Prepare data read from the control register. Sends a 16-bit word out of SDO, where the last 10-bits contain the contents
of Memory Location 0x19.
0x0000
0xXXXX
NOP Instruction 0 sends a 16-bit word out of SDO, where the last four bits contain the contents of the control register.
If Bit C2 = 1, fuse program command successful.
1 X is don’t care.
Table 9. Control Register Bit Map
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
C2
0
C1
C0
Table 10. Control Register Description
Bit Name
Description
C0
50-TP program enable
0 = 50-TP program disabled (default)
1 = enable device for 50-TP program
C1
RDAC register write protect
0 = wiper position frozen to value in OTP memory (default)1
1 = allow update of wiper position through a digital interface
C2
50-TP memory program success bit
0 = fuse program command unsuccessful (default)
1 = fuse program command successful
1 Wiper position is frozen to the last value programmed in the 50-TP memory. Wiper freezes to midscale if 50-TP memory has not been previously programmed.
Table 11. Memory Map
Command Number
Data Byte[DB9:DB0]1
Register Contents
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
5
X
X
X
0
0
0
0
0
0
0
Reserved
X
X
X
0
0
0
0
0
0
1
1st programmed wiper location (0x01)
X
X
X
0
0
0
0
0
1
0
2nd programmed wiper location (0x02)
X
X
X
0
0
0
0
0
1
1
3rd programmed wiper location (0x03)
X
X
X
0
0
0
0
1
0
0
4th programmed wiper location (0x04)
…
…
…
…
…
…
…
…
…
…
…
X
X
X
0
0
0
1
0
1
0
10th programmed wiper location (0xA)
…
…
…
…
…
…
…
…
…
…
…
X
X
X
0
0
1
0
1
0
0
20th programmed wiper location (0x14)
…
…
…
…
…
…
…
…
…
…
…
X
X
X
0
0
1
1
1
1
0
30th programmed wiper location (0x1E)
…
…
…
…
…
…
…
…
…
…
…
X
X
X
0
1
0
1
0
0
0
40th programmed wiper location (0x28)
…
…
…
…
…
…
…
…
…
…
…
X
X
X
0
1
1
0
0
1
0
50th programmed wiper location (0x32)
…
…
…
…
…
…
…
…
…
…
…
X
X
X
0
1
1
1
0
0
1
MSB resistance tolerance (0x39)
X
X
X
0
1
1
1
0
1
0
LSB resistance tolerance (0x3A)
1 X is don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com