Electronic Components Datasheet Search
  English  ▼

X  

AD5175 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5175
Description  Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5175 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5175 Datasheet HTML 12Page - Analog Devices AD5175 Datasheet HTML 13Page - Analog Devices AD5175 Datasheet HTML 14Page - Analog Devices AD5175 Datasheet HTML 15Page - Analog Devices AD5175 Datasheet HTML 16Page - Analog Devices AD5175 Datasheet HTML 17Page - Analog Devices AD5175 Datasheet HTML 18Page - Analog Devices AD5175 Datasheet HTML 19Page - Analog Devices AD5175 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5175
Rev. 0 | Page 18 of 20
50-TP MEMORY WRITE-ACKNOWLEDGE POLLING
After each write operation to the 50-TP registers, an internal
write cycle begins. The I2C interface of the device is disabled.
To determine if the internal write cycle is complete and the
I2C interface is enabled, interface polling can be executed. I2C
interface polling can be conducted by sending a start condition
followed by the slave address and the write bit. If the I2C inter-
face responds with an acknowledge (ACK), the write cycle is
complete and the interface is ready to proceed with further
operations. Otherwise, I2C interface polling can be repeated
until it completes.
RESET
The AD5175 can be reset through software by executing
Command 4 (see Table 7) or through hardware on the low
pulse of the RESET pin. The reset command loads the RDAC
register with the contents of the most recently programmed
50-TP memory location. The RDAC register loads with
midscale if no 50-TP memory location has been previously
programmed. Tie RESET to VDD if the RESET pin is not used.
SHUTDOWN MODE
The AD5175 can be shut down by executing the software
shutdown command, Command 9 (see Table 7), and setting
the LSB to 1. This feature places the RDAC in a zero-power-
consumption state where Terminal A is disconnected from the
wiper terminal. It is possible to execute any command from
Table 7 while the AD5175 is in shutdown mode. The part can
be taken out of shutdown mode by executing Command 9 and
setting the LSB to 0, or by issuing a software or hardware reset.
RDAC ARCHITECTURE
To achieve optimum performance, Analog Devices, Inc., has
patented the RDAC segmentation architecture for all the
digital potentiometers. In particular, the AD5175 employs a
three-stage segmentation approach, as shown in Figure 28.
The AD5175 wiper switch is designed with the transmission
gate CMOS topology.
A
W
10-BIT
ADDRESS
DECODER
RL
RL
RM
RM
RW
SW
RW
Figure 28. Simplified RDAC Circuit
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistance between Terminal W and Terminal A,
RWA, is available in 10 kΩ and has 1024-tap points accessed by
the wiper terminal. The 10-bit data in the RDAC latch is decoded
to select one of the 1024 possible wiper settings. As a result, the
general equation for determining the digitally programmed
output resistance between the W terminal and A terminal is
WA
WA
R
D
D
R
×
=
1024
)
(
(1)
where:
D
is the decimal equivalent of the binary code loaded in the
10-bit RDAC register.
RWA
is the end-to-end resistance.
In the zero-scale condition, a finite total wiper resistance of
120 Ω is present. Regardless of which setting the part is oper-
ating in, take care to limit the current between the A terminal
to W terminal, and W terminal to B terminal, to the maximum
continuous current of ±6 mA, or the pulse current specified in
Table 3. Otherwise, degradation or possible destruction of the
internal switch contact can occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com