Electronic Components Datasheet Search
  English  ▼

X  

LT3032 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3032
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3032 Datasheet HTML 9Page - Linear Technology LT3032 Datasheet HTML 10Page - Linear Technology LT3032 Datasheet HTML 11Page - Linear Technology LT3032 Datasheet HTML 12Page - Linear Technology LT3032 Datasheet HTML 13Page - Linear Technology LT3032 Datasheet HTML 14Page - Linear Technology LT3032 Datasheet HTML 15Page - Linear Technology LT3032 Datasheet HTML 16Page - Linear Technology LT3032 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3032
13
3032f
The LT3032 is a dual 150mA positive and negative low noise
low dropout linear regulator with micropower quiescent
current and shutdown. It supplies ±150mA at a dropout
of 300mV. Output voltage noise can be lowered on the
positive side to 20μVRMS and to 30μVRMS on the negative
side over the 10Hz to 100kHz bandwidth with the addition
of 0.01μF reference bypass capacitors. Additionally, the
reference bypass capacitors improve transient response,
lowering the settling time for transient load conditions.
Quiescent current is 20μA for the positive side and –30μA
for the negative side, typically dropping to less than 3μA
total in shutdown. In addition to the low quiescent current,
the LT3032 incorporates several protection features which
make it ideal for use in battery-powered systems. If the
load is common mode between the two outputs, it does
not matter which output starts first; either output can be
pulled to the opposing side of ground and the regulator
will still start and operate.
Setting Output Voltage
The LT3032 has output voltage ranges of 1.22V to 20V for
the positive side and –1.22V to –20V for the negative side.
The output voltages are set by the ratio of two external
resistor dividers as shown in Figure 1. The LT3032 servos
the outputs to maintain the voltages at the ADJP and ADJN
pins to 1.22V and –1.22V, respectively. The current in the
bottom resistor of each divider (R1P or R1N) is equal to
1.22V/R1 and the current in the top resistor (R2P or R2N)
is equal to the current in the bottom resistor plus the
respective ADJP/ADJN pin bias current. The bias current
for ADJP and ADJN is 30nA at 25°C, flowing into the pin
for ADJP and flowing out of the pin for ADJN. The output
voltages can then be calculated using the formulas shown
in Figure 1. The value of R1P or R1N should be less than
250k to minimize errors in the resultant output voltage
caused by the ADJP/ADJN pin bias current. Note that
in shutdown the respective output is turned off and the
divider current will be zero. Curves of ADJP Pin Voltage,
ADJN Pin Voltage, ADJP Pin Bias Current, and ADJN Pin
Bias Current (all vs Temperature) appear in the Typical
Performance Characteristics.
The LT3032 is tested and specified with the ADJP/ADJN
pin tied to the respective OUTP/OUTN pin and a ±5μA DC
load (unless otherwise specified) for an output voltage
of ±1.22V. Specifications for output voltages greater than
this will be proportional to ±1.22V; (VOUT/±1.22V). For
example, load regulation for an output current change
of 1mA to 150mA is –2mV typical at VOUTN = –1.22V. At
VOUTN = –12V, load regulation is:
(–12V/–1.22V)•(–2mV) = –19.6mV
Bypass Capacitors and Low Noise Performance
The LT3032 provides reasonable noise performance
without reference bypass capacitors from OUTP/OUTN
to the corresponding BYPP/BYPN pin. Using the LT3032
with the addition of reference bypass capacitors lowers
output voltage noise. Good quality low leakage capacitors
are recommended. These capacitors bypass the internal
references for the positive and negative sides of the LT3032,
providing low frequency noise poles. The noise poles
provided by the bypass capacitors decrease the output
voltage noise to as low as 20μVRMS for the positive side
and 30μVRMS for the negative side with the use of 0.01μF
bypass capacitors.
The BYPP pin and BYPN pin are high impedance nodes
and leakage into or out of these pins affects the reference
voltage. The BYPP pin operates at approximately 74mV
Figure 1. Setting Output Voltages
APPLICATIONS INFORMATION
LT3032
OUTP
VOUTP
VOUTN
R2P
R1P
R1N
R2N
ADJP
GND
ADJN
OUTN
3032 F01
+
+
VV
RP
RP
IR P
V
OUTP
ADJP
ADJP
=+
⎛
⎝
⎜
⎞
⎠
⎟+
()()
=
122
1
2
1
2
12
.
.2
2
30
25
122
20
V
InA at
C
OUTPUT RANGE
V TO
V
ADJP =°
= .
VV
RN
RN
IR N
V
OUTN
ADJN
ADJN
=+
⎛
⎝
⎜
⎞
⎠
⎟+
()()
=
–.
–
122
1
2
1
2
1..
–
–.
–
22
30
25
122
20
V
InA at
C
OUTPUT RANGE
V TO
V
ADJN =°
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com