Electronic Components Datasheet Search
  English  ▼

X  

LT3032 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3032
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3032 Datasheet HTML 12Page - Linear Technology LT3032 Datasheet HTML 13Page - Linear Technology LT3032 Datasheet HTML 14Page - Linear Technology LT3032 Datasheet HTML 15Page - Linear Technology LT3032 Datasheet HTML 16Page - Linear Technology LT3032 Datasheet HTML 17Page - Linear Technology LT3032 Datasheet HTML 18Page - Linear Technology LT3032 Datasheet HTML 19Page - Linear Technology LT3032 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LT3032
19
3032f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
3.00 ±0.10
(2 SIDES)
4.00 ±0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40 ± 0.10
1.65 ± 0.10
1.65 ± 0.10
BOTTOM VIEW—EXPOSED PAD
0.75 ±0.05
R = 0.115
TYP
R = 0.05
TYP
3.00 REF
1
7
14
8
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DE14MA) DFN 1106 REV Ø
PIN 1 NOTCH
R = 0.20 OR
0.25
45°
CHAMFER
3.00 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
2.10 ±0.05
0.70 ±0.05
DE14MA Package
14-Lead Plastic DFN, Multichip (4mm
3mm)
(Reference LTC DWG #05-08-1731 Rev Ø)
3.50 ±0.05
PACKAGE
OUTLINE
0.25 ± 0.05
0.25 ± 0.05
0.50 BSC
1.78 ±0.10
0.10 TYP
0.10 TYP
1.07
±0.10
1.07
±0.05
0.51 TYP
0.50 BSC
1.78 ±0.05
1.65 ± 0.05
1.65 ± 0.05
0.51 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com