Electronic Components Datasheet Search
  English  ▼

X  

LT3032 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3032
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032 Datasheet(HTML) 4 Page - Linear Technology

  LT3032 Datasheet HTML 1Page - Linear Technology LT3032 Datasheet HTML 2Page - Linear Technology LT3032 Datasheet HTML 3Page - Linear Technology LT3032 Datasheet HTML 4Page - Linear Technology LT3032 Datasheet HTML 5Page - Linear Technology LT3032 Datasheet HTML 6Page - Linear Technology LT3032 Datasheet HTML 7Page - Linear Technology LT3032 Datasheet HTML 8Page - Linear Technology LT3032 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3032
4
3032f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDNN Pin Current
(Note 9)
VSHDNN = 0V
VSHDNN = 15V
VSHDNN = -15V
–1
6
–3
1
15
–9
μA
μA
μA
Quiescent Current in Shutdown
VINP = 6V, VSHDNP = 0V, VINN = 0V
VINN = –6V, VSHDNN = 0V, VINP = 0V
l
l
0.1
–3
8
–10
μA
μA
Output Voltage Noise (10Hz to 100kHz)
COUTP = 10μF, CBYPP = 0.01μF, ILOAD = 150mA
COUTN = 10μF, CBYPN = 0.01μF, ILOAD = –150mA
20
30
μVRMS
μVRMS
Ripple Rejection
VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz
VINP to VOUTP = 1.5V (Average), ILOAD = 100mA
VINN to VOUTN = –1.5V (Average), ILOAD = –100mA
50
46
68
60
dB
dB
Current Limit
VINP = 7V, VOUTP = 0V
VINN = –7V, VOUTN = 0V
VINP = 2.3V, ΔVOUTP = –0.1V
VINN = –2.3V, ΔVOUTN = 0.1V
l
l
170
170
400
350
mA
mA
mA
mA
INP Reverse Leakage Current
VINP = –20V, VOUTP = 0V
l
–1
mA
INN Reverse Leakage Current
VINN = 20V, VOUTN, VADJN, VSHDNN = Open Circuit
l
1mA
Reverse Output Current (Notes 5, 11)
VOUTP = VADJP = 1.22V, VINP < 1.22V
5
10
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. The LT3032 is tested and specified under pulse load conditions
such that TJ ≅ TA. The LT3032E is 100% tested at TA = 25°C. Performance
of the LT3032E over the full –40°C to 125°C operating junction
temperature range is assured by design, characterization, and correlation
with statistical process controls. The LT3032I regulators are guaranteed
over the full –40°C to 125°C operating junction temperature range.
Note 3. Parasitic diodes exist internally between the INN pin and the
OUTN, ADJN, and SHDNN pins. These pins cannot be pulled more than
0.5V below the INN pin during fault conditions, and must remain at a
voltage more positive than the INN pin during operation.
Note 4. Operating conditions are limited by maximum junction
temperature. Specifications do not apply for all possible combinations of
input voltages and output currents. When operating at maximum input
voltages, the output current ranges must be limited. When operating at
maximum output currents, the input voltage ranges must be limited.
Note 5. The LT3032 is tested and specified for these conditions with the
ADJP pin tied to the OUTP pin and the ADJN pin tied to the OUTN pin.
Note 6. To satisfy requirements for minimum input voltage, the LT3032 is
tested and specified for these conditions with an external resistor divider
(two 250k resistors) from OUTP/OUTN to the corresponding ADJP/ADJN
pin to give an output voltage of ±2.44V. The external resistor divider adds a
5μA DC load on the output.
Note 7. Dropout voltage is the minimum input-to-output voltage
differential needed to maintain regulation at a specified output current. In
dropout, output voltage equals:
VINP/INN – VDROPOUT
For lower output voltages, dropout voltage is limited by the minimum
input voltage specification under some output voltage/load conditions;
see curves for Minimum INN Voltage and Minimum INP Voltage in Typical
Performance Characteristics. LTC is unable to guarantee Maximum
Dropout Voltage specifications at 50mA and 150mA due to production
test limitations with Kelvin-Sensing the package pins. Please consult the
Typical Performance Characteristics for curves of Dropout Voltage as a
function of Output Load Current and Temperature.
Note 8. GND pin current is tested with VINP = VOUTP(NOMINAL) or VINN =
VOUTN(NOMINAL) and a current source load. This means the device is tested
while operating in its dropout region. This is the worst-case GND pin
current. GND pin current decreases slightly at higher input voltages.
Note 9. Positive current flow is into the pin. Negative current flow is out of
the pin.
Note 10. For input-to-output differential voltages from INN to OUTN
greater than –7V, a –50μA load is needed to maintain regulation.
Note 11. Reverse output current is tested with the INP pin grounded and
the OUTP pin forced to 1.22V. This current flows into the ADJP and OUTP
pins and out the GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com