Electronic Components Datasheet Search
  English  ▼

X  

LTC3890 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3890
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3890 Datasheet HTML 5Page - Linear Technology LTC3890 Datasheet HTML 6Page - Linear Technology LTC3890 Datasheet HTML 7Page - Linear Technology LTC3890 Datasheet HTML 8Page - Linear Technology LTC3890 Datasheet HTML 9Page - Linear Technology LTC3890 Datasheet HTML 10Page - Linear Technology LTC3890 Datasheet HTML 11Page - Linear Technology LTC3890 Datasheet HTML 12Page - Linear Technology LTC3890 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC3890
9
3890f
TG1, TG2 (Pin 26, Pin 15): High Current Gate Drives for
Top N-Channel MOSFETs. These are the outputs of float-
ing drivers with a voltage swing equal to INTVCC – 0.5V
superimposed on the switch node voltage SW.
PGOOD1, PGOOD2 (Pin 27, Pin 14): Open-Drain Logic
Output. PGOOD1,2 is pulled to ground when the voltage
on the VFB1,2 pin is not within ±10% of its set point.
ILIM (Pin 28): Current Comparator Sense Voltage Range
Inputs. Tying this pin to SGND, FLOAT or INTVCC sets the
maximum current sense threshold to one of three different
levels for both comparators.
TRACK/SS1, TRACK/SS2 (Pin 29, Pin 13): External
Tracking and Soft-Start Input. The LTC3890 regulates the
VFB1,2 voltage to the smaller of 0.8V or the voltage on the
TRACK/SS1,2 pin. An internal 1μA pull-up current source
is connected to this pin. A capacitor to ground at this
pin sets the ramp time to final regulated output voltage.
PIN FUNCTIONS
Alternatively, a resistor divider on another voltage supply
connected to this pin allows the LTC3890 output to track
the other supply during start-up.
ITH1, ITH2 (Pin 30, Pin 12): Error Amplifier Outputs and
Switching Regulator Compensation Points. Each associ-
ated channel’s current comparator trip point increases
with this control voltage.
VFB1, VFB2 (Pin 31, Pin 11): Receives the remotely sensed
feedback voltage for each controller from an external
resistive divider across the output.
SENSE1+, SENSE2+ (Pin 32, Pin 10):
The (+) input to the
differential current comparators are normally connected
to DCR sensing networks or current sensing resistors.
The ITH pin voltage and controlled offsets between the
SENSE– and SENSE+ pins in conjunction with RSENSE set
the current trip threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com