Electronic Components Datasheet Search
  English  ▼

X  

LTC3890 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3890
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3890 Datasheet HTML 2Page - Linear Technology LTC3890 Datasheet HTML 3Page - Linear Technology LTC3890 Datasheet HTML 4Page - Linear Technology LTC3890 Datasheet HTML 5Page - Linear Technology LTC3890 Datasheet HTML 6Page - Linear Technology LTC3890 Datasheet HTML 7Page - Linear Technology LTC3890 Datasheet HTML 8Page - Linear Technology LTC3890 Datasheet HTML 9Page - Linear Technology LTC3890 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3890
6
3890f
TYPICAL PERFORMANCE CHARACTERISTICS
Total Input Supply Current vs
Input Voltage
EXTVCC Switchover and INTVCC
Voltages vs Temperature
INTVCC Line Regulation
Maximum Current Sense Voltage
vs ITH Voltage
SENSE– Pin Input Bias Current
Maximum Current Sense
Threshold vs Duty Cycle
Foldback Current Limit
Quiescent Current vs Temperature
INTVCC vs Load Current
TEMPERATURE (°C)
–45
4.0
4.2
4.6
4.8
5.0
6.0
5.4
5
55
80
3890 G11
4.4
5.6
5.8
5.2
–20
30
105
130
INTVCC
EXTVCC RISING
EXTVCC FALLING
VITH (V)
0
40
60
80
0.6
1.0
3890 G13
20
0
0.2
0.4
0.8
1.2
1.4
–20
–40
Burst Mode
OPERATION
PULSE SKIPPING MODE
FORCED CONTINUOUS MODE
ILIM = FLOAT
ILIM = INTVCC
ILIM = GND
DUTY CYCLE (%)
0
50
40
60
70
80
3890 G15
30
20
20
40 50
100
80
60
10
30
90
70
ILIM = FLOAT
ILIM = INTVCC
ILIM = GND
TEMPERATURE (°C)
–45
75
30
3890 G17
60
50
–20
5
55
45
40
80
70
65
55
80
105
130
LOAD CURRENT (mA)
0
5.10
5.15
5.20
160
3890 G18
5.05
5.00
4.95
20 40 60 80 100 120 140
180 200
EXTVCC = 0V
EXTVCC = 8.5V
VIN = 12V
INPUT VOLTAGE (V)
0
200
300
20
30 35 40 45 50 55 60 65
15
10
525
3890 G10
150
100
50
250
NO LOAD
300μA
INPUT VOLTAGE (V)
4.8
5.0
5.2
20
30 35 40 45 50 55 60 65
15
10
525
3890 G12
4.9
5.1
VSENSE COMMON MODE VOLTAGE (V)
0
–800
–500
–600
–700
–400
–300
–200
0
5
10
15
20
3890 G14
25
–100
FEEDBACK VOLTAGE (MV)
0
40
60
800
3890 G16
20
0
200
400 500
80
30
50
10
70
600
100
300
700
ILIM = FLOAT
ILIM = INTVCC
ILIM = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com