Electronic Components Datasheet Search
  English  ▼

X  

LTC4010 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4010
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4010 Datasheet HTML 8Page - Linear Technology LTC4010 Datasheet HTML 9Page - Linear Technology LTC4010 Datasheet HTML 10Page - Linear Technology LTC4010 Datasheet HTML 11Page - Linear Technology LTC4010 Datasheet HTML 12Page - Linear Technology LTC4010 Datasheet HTML 13Page - Linear Technology LTC4010 Datasheet HTML 14Page - Linear Technology LTC4010 Datasheet HTML 15Page - Linear Technology LTC4010 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4010

4010fb
Figure 2. LTC4010 PWM Control Loop
10
CC
EA
ITH
IPROG
R3
Q
PWM CLOCK
S
R
R4
R1
BAT
9
SENSE
RSENSE
12
BGATE
14
TGATE
LTC4010
VCC
R2
4010 F02
operaTion (Refer to Figure 1)
Status Outputs
The LTC4010 open-drain status outputs provide valuable
information about the IC’s operating state and can be
used for a variety of purposes in applications. Table 1
summarizes the state of the three status outputs and the
VCDIV pin as a function of LTC4010 operation. The status
outputscandirectlydrivecurrent-limitedLEDsterminated
to the DC input. The VCDIV column in Table 1 is strictly
informational. VCDIV should only be used to terminate the
VCELL resistor divider, as previously discussed.
Table 1. LTC4010 Status Pins
READY
FAULT
CHRG
VCDIV
CHARGER STATE
Off
Off
Off
Off
Off
On
Off
Off
On
Ready to Charge
(VTEMP Held Low)
or Automatic Recharge
On
Off
On
On
Precharge, Fast or Top Off
Charge (May be Paused)
On
On
On or Off
On
Temperature Limits
Exceeded
Off
On
Off
On
Fault State (Latched)
PWM Current Source Controller
An integral part of the LTC4010 is the PWM current source
controller. The charger uses a synchronous step-down
architecturetoproducehighefficiencyandlimitedthermal
dissipation. The nominal operating frequency of 550kHz
allows use of a smaller external inductor. The TGATE and
BGATE outputs have internally clamped voltage swings.
They source peak currents tailored to smaller surface-
mountpowerFETslikelytoappearinapplicationsproviding
an average charge current of 3A or less. During the various
charging states, the LTC4010 uses the PWM controller to
regulate an average voltage between SENSE and BAT that
ranges from 10mV to 100mV.
A conceptual diagram of the LTC4010 PWM control loop
is shown in Figure 2.
The voltage across the external current programming
resistor RSENSE is averaged by integrating error amplifier
EA. An internal programming current is also pulled from
input resistor R1. The IPROG • R1 product establishes the
desired average voltage drop across RSENSE, and hence,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com