Electronic Components Datasheet Search
  English  ▼

X  

LTC4010 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4010
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4010 Datasheet HTML 16Page - Linear Technology LTC4010 Datasheet HTML 17Page - Linear Technology LTC4010 Datasheet HTML 18Page - Linear Technology LTC4010 Datasheet HTML 19Page - Linear Technology LTC4010 Datasheet HTML 20Page - Linear Technology LTC4010 Datasheet HTML 21Page - Linear Technology LTC4010 Datasheet HTML 22Page - Linear Technology LTC4010 Datasheet HTML 23Page - Linear Technology LTC4010 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC4010
0
4010fb
When the precharge state timer expires, the LTC4010
begins fast charge if VCELL is greater than 900mV. The
PWM, charge timer and internal termination control are
suspended if pause is asserted (VTEMP < 200mV), but all
statusoutputscontinuetoindicatechargingisinprogress.
The fast charge state continues until the selected voltage
or temperature termination criteria are met. Figure 9 sug-
gests termination based on ∆T/∆t, which for NiMH would
be an increase greater than 1°C per minute.
Because NiMH charging terminated due to ∆T/∆t and the
fast charge cycle had lasted more than tMAX/12 minutes,
the LTC4010 begins a top-off charge with a current of
IPROG/10. Top-off is an internally timed charge of tMAX/3
minutes with the CHRG output continuously asserted.
Finally, the LTC4010 enters the automatic recharge state
wheretheCHRGoutputisdeasserted.ThePWMisdisabled
but VCDIV remains asserted to monitor VCELL. The charge
timer will be reset and fast charging will resume if VCELL
drops below 1.325V. The LTC4010 enters shutdown when
the DC adapter is removed, minimizing current draw from
the battery in the absence of an input power source.
While not a part of the sample waveforms of Figure 9,
temperature qualification is an ongoing part of the charg-
ing process, if an external thermistor network is detected
by the LTC4010. Should prescribed temperature limits be
exceeded during any particular charging state, charging
wouldbesuspendeduntilthesensedtemperaturereturned
to an acceptable range.
Battery-Controlled Charging
BecauseoftheprogrammingarrangementoftheLTC4010,
it may be possible to configure it for battery-controlled
charging. In this case, the battery pack is designed to
provide customized information to an LTC4010-based
charger, allowing a single design to service a wide range
of application batteries. Assume the charger is designed
toprovideamaximumchargecurrentof800mA(RSENSE =
125mΩ). Figure 10 shows a 4-cell NiCd battery pack for
which 800mA represents a 0.75C rate. When connected
to the charger, this pack would provide battery tempera-
ture information and correctly configure both fast charge
termination parameters and time limits for the internal
NiCd cells.
applicaTions inForMaTion
A second possibility is to configure an LTC4010-based
charger to accept battery packs with varying numbers of
cells. By including R2 of the average cell voltage divider
network shown in Figure 3, battery-based programming
of the number of series-stacked cells could be realized
without defeating LTC4010 detection of battery insertion
or removal. Figure 11 shows a 2-cell NiMH battery pack
that programs the correct number of series cells when it is
connected to the charger, along with indicating chemistry
and providing temperature information.
Anyofthesebatterypackchargecontrolconceptscouldbe
combinedinavarietyofwaystoservicecustomapplication
needs. Charging parallel cells is not recommended.
PCB Layout Considerations
To prevent magnetic and electrical field radiation and
high frequency resonant problems, proper layout of the
components connected to the LTC4010 is essential. Refer
to Figure 12. For maximum efficiency, the switch node
rise and fall times should be minimized. The following
PCB design priority list will help ensure proper topology.
Layout the PCB using this specific order.
Figure 10. NiCd Battery Pack with Time Limit Control
5
1200mAhr
NiCd CELLS
BATTERY
PACK
VTEMP
3
CHEM
8
TIMER
NC
66.5k
4010 F10
+
–
10k
NTC
Figure 11. NiMH Battery Pack Indicating Number of Cells
5
1500mAhr
NiMH CELLS
BATTERY
PACK
VTEMP
6
VCELL
R2
3
CHEM
4010 F11
+
–
10k
NTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com