Electronic Components Datasheet Search
  English  ▼

X  

LTC4010 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4010
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4010 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4010 Datasheet HTML 11Page - Linear Technology LTC4010 Datasheet HTML 12Page - Linear Technology LTC4010 Datasheet HTML 13Page - Linear Technology LTC4010 Datasheet HTML 14Page - Linear Technology LTC4010 Datasheet HTML 15Page - Linear Technology LTC4010 Datasheet HTML 16Page - Linear Technology LTC4010 Datasheet HTML 17Page - Linear Technology LTC4010 Datasheet HTML 18Page - Linear Technology LTC4010 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC4010

4010fb
charging states. To some degree, the value should reflect
how closely the programmed charge current matches the
1Crateoftargetedbatterypacks.Themaximumfastcharge
period is determined by the following equation:
R
t
Hours
TIMER
MAX
=
Ω
( )
(
)
• –
30 10 6
Some typical timing values are detailed in Table 3. RTIMER
should not be less than 15k. The actual time limits used
by the LTC4010 have a resolution of approximately
±30
seconds in addition to the tolerances given the Electrical
Characteristics table. If the timer ends without a valid
–∆V or ∆T/∆t charge termination, the charger enters the
fault state. The maximum time period is approximately
4.3 hours.
Cell Voltage Network Design
An external resistor network is required to provide the
averagesingle-cellvoltagetotheVCELLpinoftheLTC4010.
applicaTions inForMaTion
The proper circuit for multicell packs is shown in Figure 3.
The ratio of R2 to R1 should be a factor of (n – 1), where
n is the number of series cells in the battery pack. The
value of R1 should be between 1k and 100k. This range
limits the sensing error caused by VCELL leakage current
and prevents the ON resistance of the internal NFET be-
tween VCDIV and GND from causing a significant error in
the VCELL voltage. The external resistor network is also
used to detect battery insertion and removal. The filter
Figure 3. Multiple Cell Voltage Divider
10
7
BAT
LTC4010
R2
+
FOR TWO OR
MORE SERIES CELLS
R1
C1
R2 = R1(n – 1)
4010 F03
VCDIV
GND
6
4
VCELL
Table 2. LTC4010 Charging Parameters
STATE
CHEM
PIN
BAT
CHEMISTRY
TIMER
TMIN
TMAX
ICHRG
TERMINATION CONDITION
PC
Both
tMAX/12
5°C
45°C
IPROG/5 Timer Expires
FC
Open
NiCd
tMAX
5°C
60°C
IPROG
–20mV per Cell or 2°C/Minute
GND
NiMH
tMAX
5°C
60°C
IPROG
1.5°C/Minute for First tMAX/12 Minutes if Initial
VCELL < 1.325V
–10mV per Cell or 1°C/Minute After tMAX/12 Minutes
or if Initial VCELL > 1.325V
TOC
GND
NiMH
tMAX/3
5°C
60°C
IPROG/10 Timer Expires
AR
Both
5°C
45°C
0
VCELL < 1.325V
PC: Precharge
FC:
Fast Charge (Initial –∆V Termination Hold Off of tMAX/12 Minutes May Apply)
TOC: Top-Off Charge (Only for NiMH ∆T/∆t FC Termination After Initial tMAX/12 Period)
AR: Automatic Recharge (Temperature Limits Apply to State Termination Only)
Table 3. LTC4010 Time Limit Programming Examples
RTIMER
TYPICAL FAST
CHARGE RATE
PRECHARGE LIMIT
(MINUTES)
FAST CHARGE
VOLTAGE STABILIZATION
(MINUTES)
FAST CHARGE LIMIT
(HOURS)
TOP-OFF
CHARGE
(MINUTES)
24.9k
2C
3.8
3.8
0.75
15
33.2k
1.5C
5
5
1
20
49.9k
1C
7.5
7.5
1.5
30
66.5k
0.75C
10
10
2
40
100k
C/2
15
15
3
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com