Electronic Components Datasheet Search
  English  ▼

X  

LTC4070 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4070
Description  Li-Ion/Polymer Shunt Battery Charger System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4070 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4070 Datasheet HTML 3Page - Linear Technology LTC4070 Datasheet HTML 4Page - Linear Technology LTC4070 Datasheet HTML 5Page - Linear Technology LTC4070 Datasheet HTML 6Page - Linear Technology LTC4070 Datasheet HTML 7Page - Linear Technology LTC4070 Datasheet HTML 8Page - Linear Technology LTC4070 Datasheet HTML 9Page - Linear Technology LTC4070 Datasheet HTML 10Page - Linear Technology LTC4070 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4070
7
4070f
BLOCK DIAGRAM
4070 BD
3-STATE
DETECT
OSC
CLK
ADJ
1.5s
PULSED
DUTY CYCLE < 0.002%
30μs
NTCBIAS
NTC
RNOM
10k
T
–
+
–
+
REF
–
+
EA
GND
DRV
HBO
LBO
VCC
ADC
NTHS0805N02N1002J
LTC4070
OPERATION
The LTC4070 provides a simple, reliable, and high perfor-
mance battery protection and charging solution by prevent-
ing the battery voltage from exceeding a programmed level.
Its shunt architecture requires just one resistor between
the input supply and the battery to handle a wide range
of battery applications. When the input supply is removed
and the battery voltage is below the high battery output
threshold, the LTC4070 consumes just 450nA from the
battery.
While the battery voltage is below the programmed float
voltage, the charge rate is determined by the input voltage,
the battery voltage, and the input resistor:
ICHG =
VIN − VBAT
()
RIN
As the battery voltage approaches the float voltage, the
LTC4070 shunts current away from the battery thereby
reducing the charge current. The LTC4070 can shunt up to
50mA with float voltage accuracy of ±1% over temperature.
The shunt current limits the maximum charge current, but
the 50mA internal capability can be increased by adding
an external P-channel MOSFET.
Adjustable Float Voltage, VFLOAT
A built-in 3-state decoder connected to the ADJ pin provides
three programmable float voltages: 4.0V, 4.1V, or 4.2V. The
float voltage is programmed to 4.0V when ADJ is tied to
GND, 4.1V when ADJ is floating, and 4.2V when ADJ is
tied to VCC. The state of the ADJ pin is sampled about
once every 1.5 seconds. When it is being sampled, the
LTC4070 applies a relatively low impedance voltage at the
ADJ pin. This technique prevents low level board leakage
from corrupting the programmed float voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com