Electronic Components Datasheet Search
  English  ▼

X  

LTC4070 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4070
Description  Li-Ion/Polymer Shunt Battery Charger System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4070 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4070 Datasheet HTML 5Page - Linear Technology LTC4070 Datasheet HTML 6Page - Linear Technology LTC4070 Datasheet HTML 7Page - Linear Technology LTC4070 Datasheet HTML 8Page - Linear Technology LTC4070 Datasheet HTML 9Page - Linear Technology LTC4070 Datasheet HTML 10Page - Linear Technology LTC4070 Datasheet HTML 11Page - Linear Technology LTC4070 Datasheet HTML 12Page - Linear Technology LTC4070 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4070
9
4070f
General Charging Considerations
The LTC4070 uses a different charging methodology from
previous chargers. Most Li-Ion chargers terminate the
charging after a period of time. The LTC4070 does not have
a discrete charge termination. Extensive measurements
on Li-Ion cells show that the cell charge current drops to
nanoamps with the shunt charge control circuit effectively
terminating the charge. For long cell life, operate the charger
at 100mV lower charge voltage normally used.
The simplest application of the LTC4070 is shown in
Figure 1. This application requires only an external resis-
tor to program the charge/shunt current. Assume the wall
adapter voltage (VWALL) is 12V and the minimum battery
voltage (VBAT_MIN) is 3V, then the maximum charge cur-
rent is calculated as:
IMAX _CHARGE =
VWALL − VBAT _MIN
(
)
RIN
=
12V
− 3V
(
)
162
Ω
= 55.5mA
Care must be taken in selecting the input resistor. Power
dissipated in RIN under full charge current is given by the
following equation:
PDISS =
VWALL − VBAT _MIN
(
)2
RIN
=
12V
− 3V
(
)2
162
Ω
= 0.5W
The charge current decreases as the battery voltage
increases. If the rising battery voltage is 40mV less than
APPLICATIONS INFORMATION
the programmed float voltage, the LTC4070 consumes
only 450nA of current, and all of the input current flows
into the battery. As the battery voltage reaches the float
voltage, the LTC4070 shunts current from the wall adapter
and regulates the battery voltage to VFLOAT. The more
shunt current the LTC4070 sinks, the less charge current
the battery gets. Eventually, the LTC4070 shunts all the
current from the battery; up to the maximum shunt cur-
rent. The maximum shunt current in this case, with no
NTC adjustment, is determined by the input resistor and
is calculated as:
ISHUNT _MAX =
VWALL − VFLOAT
(
)
RIN
=
12V
− 4.1V
(
)
162
Ω
= 49mA
At this point the power dissipated in the input resistor is
388mW.
Figure 2 shows a charge circuit that can boost the charge
current as well as the shunt current with an external
P-channel MOSFET, Q1. In this case, if the wall adapter
voltage (VWALL) is 24V and the minimum battery voltage
(VBAT) is 3V, then the initial charge current is set to 191mA
by selecting RIN = 110Ω. Note that this resistor dissipates
over 4W of power, so select the resistor taking power rating
into account. When the battery voltage reaches the float
voltage, the LTC4070 and the external P-channel MOSFET
begin to shunt current from the wall adapter. Eventually,
the LTC4070 and the external P-channel MOSFET shunts
all available current (182mA) and no current flows to the
battery. Take the full shunt current and power into account
when selecting the external MOSFET.
Figure 1. Single-Cell Battery Charger
Figure 2. Single-Cell Charger with Boosted Drive
4070 F01
LTC4070
ADJ
RIN
162Ω
0.5W
GND
12V WALL
ADAPTER
Li-Ion
BATTERY
NTCBIAS
FLOAT
IF NOT NEEDED
FLOAT
NTC
VCC
+
4070 F02
LTC4070
ADJ
Q1: FDN352AP
RIN
110Ω
4W
GND
24V WALL
ADAPTER
Li-Ion
BATTERY
NTCBIAS
DRV
Q1
NTC
VCC
+
FLOAT
IF NOT NEEDED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com