Electronic Components Datasheet Search
  English  ▼

X  

LTC4070 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4070
Description  Li-Ion/Polymer Shunt Battery Charger System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4070 Datasheet(HTML) 1 Page - Linear Technology

  LTC4070 Datasheet HTML 1Page - Linear Technology LTC4070 Datasheet HTML 2Page - Linear Technology LTC4070 Datasheet HTML 3Page - Linear Technology LTC4070 Datasheet HTML 4Page - Linear Technology LTC4070 Datasheet HTML 5Page - Linear Technology LTC4070 Datasheet HTML 6Page - Linear Technology LTC4070 Datasheet HTML 7Page - Linear Technology LTC4070 Datasheet HTML 8Page - Linear Technology LTC4070 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4070
1
4070f
TYPICAL APPLICATION
DESCRIPTION
Li-Ion/Polymer Shunt
Battery Charger System
The LTC®4070 allows simple charging of Li-Ion/Polymer
batteries from very low current, intermittent or continuous
charging sources. The 450nA to 50mA operating cur-
rent makes charging possible from previously unusable
sources. With the addition of an external pass device,
shunt current may be boosted to 500mA. Stacked cell high
voltage battery packs are inherently balanced with shunt
charging. With its low operating current, the LTC4070 is
well suited to charge thin film batteries in energy harvesting
applications where charging sources may be intermittent
or very low power. The unique architecture of the LTC4070
allows for an extremely simple battery charger solution;
requiring just one external resistor.
The LTC4070 offers a pin selectable float voltage with 1%
accuracy across the full range of operating temperature
and shunt current. The integrated thermal battery quali-
fier extends battery lifetime and improves reliability by
automatically reducing the battery float voltage at NTC
thermistor temperatures above 40°C. The LTC4070 also
provides both low and high battery status outputs. With
the addition of an external PFET, the low-battery output
pin can implement a latch-off function that automatically
disconnects the system load from the battery to protect
the battery from deep discharge.
The device is offered in two thermally enhanced packages,
a compact low profile (0.75mm) 8-lead (2mm
× 3mm)
DFN and an 8-lead MSOP package.
FEATURES
APPLICATIONS
n Low Operating Current (450nA)
n 1% Float Voltage Accuracy Over Full Temperature
and Shunt Current Range
n 50mA Maximum Internal Shunt Current
(500mA with External PFET)
n Pin Selectable Float Voltage Options:
4.0V, 4.1V, 4.2V
n Ultralow Power Pulsed NTC Float Conditioning for
Li-Ion/Polymer Protection
n Suitable for Intermittent, Continuous and Very Low
Power Charging Sources
n Low and High Battery Status Outputs
n Simple Low Voltage Load Disconnect Application
n Thermally Enhanced, Low Profile (0.75mm)
8-Lead (2mm
× 3mm) DFN and MSOP Packages
n Low Power Li-Ion/Polymer Battery Back-Up
n Solar Power Systems with Back-Up
n Memory Back-Up
n Embedded Automotive
n Thin Film Batteries
n Energy Scavenging/Harvesting
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners..
NTC Overtemperature Battery Float Voltage Qualifying
Simple Shunt Charger with Load
Disconnect and NTC Conditioning
TEMPERATURE (°C)
4.3
4.2
4.0
4.1
3.9
3.8
3.7
40
20
0
60
4070 TA01b
80
100
ADJ = VCC
ADJ = FLOAT
ADJ = GND
4070 TA01a
LTC4070
ADJ
RIN
GND
T
10k
Li-Ion
NTCBIAS
LBO
NTC
VCC
VIN
+
NTHS0805E3103LT
Q1:FDR8508


Similar Part No. - LTC4070

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4070 LINER-LTC4070 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC4070 LINER-LTC4070 Datasheet
405Kb / 18P
Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC4070 LINER-LTC4070 Datasheet
258Kb / 24P
Ultralow Voltage Step-Up Converter
LTC4070 LINER-LTC4070 Datasheet
244Kb / 24P
Auto-Polarity, Ultralow Voltage Step-Up Converter
LTC4070 LINER-LTC4070 Datasheet
179Kb / 20P
Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
More results

Similar Description - LTC4070

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
logo
Linear Integrated Syste...
LTC4071 LINEAR-LTC4071 Datasheet
247Kb / 18P
Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Linear Technology
LTC4070 LINER-LTC4070_15 Datasheet
224Kb / 16P
Li-Ion/Polymer Shunt Battery Charger System
LTC4071 LINER-LTC4071_15 Datasheet
247Kb / 18P
Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com