Electronic Components Datasheet Search
  English  ▼

X  

33904 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # 33904
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 65Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 66Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 67Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 68Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 69Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 70Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 71Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 72Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
69
33904/5
SERIAL PERIPHERAL INTERFACE
DETAIL OF CONTROL BITS AND REGISTER MAPPING
.REGULATOR, CAN, I/O, INT AND LIN REGISTERS
Table 30. (25)REGULATOR register, REG
MOSI First Byte [15-8]
[b_15 b_14] 01_111 [P/N]
MOSI Second Byte, bits 7-0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
01 01_ 111 P
VAUX[1]
VAUX[0]
-
5V-can[1]
5V-can[0]
VDD bal en
VDD bal auto
VDD off en
Default state
0
0
N/A
0
0
N/A
N/A
N/A
Condition for default
POR
POR
Bits
Description
b7 b6
VAUX[1], VAUX[0] - Vauxilary regulator control
00
Regulator OFF
01
Regulator ON. Under-voltage (UV) and Over-current (OC) monitoring flags not reported. VAUX disable in case UV or UV
detected after 1.0ms blanking time.
10
Regulator ON. Under-voltage (UV) and Over-current (OC) monitoring flags active. VAUX disable in case UV or UV detected after
1.0ms blanking time.
11
Regulator ON. Under-voltage (UV) and Over-current (OC) monitoring flags active. VAUX disable in case UV or UV detected after
25
μs blanking time.
b4 b3
5V-can[1], 5V-can[0] - 5V-CAN regulator control
00
Regulator OFF
01
Regulator ON. Thermal protection active. Under-voltage (UV) and Over-current (OC) monitoring flags not reported.
10
Regulator ON. Thermal protection active. Under-voltage (UV) and Over-current (OC) monitoring flags active.
11
Regulator ON. Thermal protection active. Under-voltage (UV) and Over-current (OC) monitoring flags active. 5V-CAN disable
in case UV or UV detected after 25
μs blanking time.
b2
VDD bal en - Control bit to Enable the VDD external ballast transistor
0
External VDD ballast disable
1
External VDD ballast Enable
b1
VDD bal auto - Control bit to automatically Enable the VDD external ballast transistor, if VDD is > typ 60mA
0
Disable the automatic activation of the external ballast
1
Enable the automatic activation of the external ballast, if VDD > typ 60mA
b0
VDD off en - Control bit to allow transition into Low Power VDD OFF Mode (to prevent VDD turn OFF)
0
Disable Usage of Low Power VDD OFF Mode
1
Enable Usage of Low Power VDD OFF Mode
Notes
25.
The first time the device is set in Normal mode, the CAN is in Sleep wake-up enable (10). The next time the device is set in Normal
mode, the CAN state is controlled by the bit 7 and bit6 states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com