Electronic Components Datasheet Search
  English  ▼

X  

33904 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33904
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33904 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
Document Number: MC33904_5
Rev. 3.0, 2/2010
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2010. All rights reserved.
System Basis Chip Gen2 with High
Speed CAN and LIN Interface
The 33904/5 is the second generation family of System Basis Chips
which combine several features and enhance present module designs.
The device works as an advanced power management unit for the
MCU and additional integrated circuits such as sensors, CAN
transceivers. It has a built-in enhanced high speed CAN interface
(ISO11898-2 and -5), with local and bus failure diagnostics, protection,
and fail safe operation mode. The SBC may include one or two LIN 2.1
interfaces with LIN output pin switches. It includes up to 4 wake-up
input pins than can also be configured as output drivers for flexibility.
This device implements multiple Low Power modes, with very low-
current consumption. In addition, the device is part of a family concept
where pin compatibility, among the various devices with and without
LIN interfaces, add versatility to module design.
The 33904/5 also implements an innovative and advanced fail-safe
state machine and concept solution.
Features
• Protected 5.0V or 3.3V regulators for MCU (part number selectable)
and additional ICs (SPI configurable) with optional external PNP
usage to increase current capability for MCU.
• Fully-protected embedded 5.0 V regulator for the CAN driver
• Extremely low quiescent current in low power modes
• Multiple under-voltage detections to address various MCU
specifications and system operation modes (i.e. cranking)
• Multiple wake-up sources in low power modes: CAN or LIN bus, I/O
transition, automatic timer, SPI message, and VDD over-current
detection.
• Voltage, current and temperature protection with enhanced
diagnostics that can be monitored by system via MUX output
• ISO11898-5 high speed CAN interface compatibility for baud rates
of 40 kb/s to 1.0 Mb/s. LIN 2.1 and J2602 LIN interface compatibility
• Pb-free packaging designated by suffix code EK
Figure 1. 33905D Simplified Application Diagram
33904/5
33904
33905
EK SUFFIX (PB-FREE)
98ASA10556D
32-PIN SOIC EP
EK SUFFIX (PB-FREE)
98ASA10506D
54-PIN SOIC EP
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PCZ33905D3EK/R2
-40°C to 125°C
54 SOIC EP
MCZ33905D5EK/R2
PCZ33905S3EK/R2
32 SOIC EP
MCZ33905S5EK/R2
PCZ33904A3EK/R2
MCZ33904A5EK/R2
SBC CAN GEN2
CS
SCLK
MOSI
INT
5V-CAN
VSUP1
I/O-0
I/O-1
MISO
RXD
TXD
CANL
CANH
GND
RST
DBG
VDD
SPLIT
VBAT
VB
Q1*
D1
VBAUX
SAFE
RXD-L1
TXD-L1
LIN-TERM 1
LIN-1
VE
Q2
(5.0 V/3.3 V)
VDD
VSUP2
VAUX
VCAUX
LIN-TERM 2
LIN-2
RXD-L2
TXD-L2
MUX-OUT
33905D
MCU
SPI
A/D
CAN Bus
LIN Bus
LIN Bus
VSENSE
* = Optional


Similar Part No. - 33904

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 104P
SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33904 NXP-33904 Datasheet
2Mb / 107P
SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
33904 NXP-33904 Datasheet
2Mb / 111P
SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
More results

Similar Description - 33904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
logo
Freescale Semiconductor...
33903 FREESCALE-33903 Datasheet
2Mb / 104P
SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33907-MC33908D2 NXP-MC33907-MC33908D2 Datasheet
2Mb / 123P
Power system basis chip with high speed CAN and LIN transceivers
Rev. 5.0, 10/2016
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
33903 NXP-33903 Datasheet
2Mb / 107P
SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com