Electronic Components Datasheet Search
  English  ▼

X  

33904 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # 33904
Description  System Basis Chip Gen2 with High Speed CAN and LIN Interface
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 83Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 84Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 86Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 87Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 88Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 89Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 90Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 91Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 90 / 91 page
background image
Analog Integrated Circuit Device Data
90
Freescale Semiconductor
33904/5
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
1.0
11/2009
•
Initial Release
2.0
1/2010
•
Updated LIN 2.0 to LIN 2.1 throughout document
•
Changed Pin VC to VE
•
Changed Pin VBASE to VB
•
Added note to Simplified Application and Typical Application drawings for Q1 to be optional.
•
Updated Parameters Tables.; Timing accuracy added, CAN wake and CANL/CANH input current.
•
Changed default setting of: INIT Reg register, bit7, I/Ox sync - INIT W/D register, bit 6 MCU_OC
and bit 1 W/D N/Win
3.0
2/2010
•
Re-arranged the order of the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com